Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT4363
8
4363fa
PIN FUNCTIONS
ENOUT:OpenCollectorEnableOutput.TheENOUTpingoes
high impedance when the voltage at the OUT pin is within
0.5V of VCC and 3V above GND, indicating the external
MOSFET is fully on. The state of the pin is latched until the
OUT pin voltage drops below 2V, resetting the latch. The
internal NPN is capable of sinking up to 2mA of current.
Exposed Pad (DFN Package Only): Exposed pad may be
left open or connected to device ground (GND).
FB: Voltage Regulator Feedback Input. Connect this pin to
the center tap of the resistive divider connected between
the OUT pin and ground. During an overvoltage condition,
the GATE pin is controlled to maintain a 1.275V threshold
at the FB pin. Connect to GND to disable the OV clamp.
FLT: Open Collector Fault Output. This pin pulls low after
the voltage at the TMR pin has reached the fault threshold
of1.275V.Itindicatesthepasstransistorisabouttoturnoff
becauseeitherthesupplyvoltagehasstayedatanelevated
level for an extended period of time (voltage fault) or the
device is in an overcurrent condition (current fault). The
internal NPN is capable of sinking up to 2mA of current.
GATE:N-ChannelMOSFETGateDriveOutput.TheGATEpin
is pulled up by an internal charge pump current source and
clamped to 14V above the OUT pin. Both voltage and cur-
rent amplifiers control the GATE pin to regulate the output
voltage and limit the current through the MOSFET.
GND: Device Ground.
OUT: Output Voltage Sense Input. This pin senses the
voltage at the source of the external N-channel MOSFET.
The voltage difference between VCC and OUT sets the fault
timer current. When this difference drops below 0.5V, the
EN pin goes high impedance.
OV (LT4363-2): Overvoltage Comparator Input. When OV
is above its threshold of 1.275V, the fault retry function
is inhibited even when the TMR pin voltage has reached
its retry threshold. As soon as the voltage at OV pin falls
below its lower threshold the GATE pin is allowed to turn
back on. Connect to GND if unused.
SHDN: Shutdown Control Input. The LT4363 can be
shutdown to a low current mode by pulling the SHDN pin
below the threshold of 0.4V. Pull this pin above 2.1V or
disconnect it to allow the internal current source to turn
the part back on. The leakage current to ground at the pin
should be limited to no more than 1µA if no external pull
up is used to turn the part on. The SHDN pin can be pulled
up to 100V or below GND by 60V without damage.
SNS: Current Sense Input. Connect this pin to the input of
thecurrentsenseresistor.Thecurrentlimitcircuitcontrols
the GATE pin to limit the sense voltage between SNS and
OUT pins to 50mV. This is reduced to 25mV in a severe
fault when OUT is below 2V. When in current limit mode,
a current source charges up the TMR pin. The voltage
difference with the OUT pin must be limited to less than
30V. Connect to OUT pin if unused.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the times for early fault warning,
fault turn-off, and cool down periods. The current charg-
ing up this pin during fault conditions depends on the
voltage difference between the VCC and OUT pins. When
TMR reaches 1.275V, the FLT pin pulls low to indicate the
detection of a fault condition. If the condition persists, the
pass transistor turns off when TMR reaches the threshold
of 1.375V. A 2µA current source then continues to pull
the TMR up. When TMR reaches 4.3V, the 2µA current
reverses direction and starts to pull the TMR pin low.
When TMR reaches the retry threshold of 0.5V, the GATE
pin pulls high turning back on the pass transistor for the
LT4363-2 version. The GATE pin latches low after fault
time out for the LT4363-1.
UV: Undervoltage Comparator Input. When UV falls below
its threshold of 1.275V, the GATE is pulled down with a
1mA current. When UV rises above 1.275V plus the hys-
teresis, the pull down current disappears and the GATE
pin is pulled up by the internal charge pump. If unused,
connect to VCC.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V for normal operation. It can
also be pulled below ground by up to 60V during a reverse
battery condition, without damaging the part. Shutting
down the LT4363 by pulling the SHDN pin to ground will
reduce the supply current to 7µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com