Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 4 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT4363
4
4363fa
Note 2: All currents into device pins are positive all current out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
the OUT pin. Driving this pin to voltages beyond the clamp may damage
the device.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITMR
TMR Pull-up Current, Overvoltage
TMR = 1V, FB = 1.5V,
ΔVDS = 0.5V
TMR = 1V, FB = 1.5V,
ΔVDS = 75V
l
l
–1.7
–42
–4
–50
–6
–58
µA
µA
TMR Pull-up Current, OV Warning
TMR = 1.325V, FB = 1.5V,
ΔVDS = 0.5V
l
–3
–5
–7
µA
TMR Pull-up Current, Overcurrent
TMR = 1V,
ΔVSNS = 100mV, ΔVDS = 0.5V
TMR = 1V,
ΔVSNS = 100mV, ΔVDS = 80V
l
l
–5
–190
–9
–250
–13
–310
µA
µA
TMR Pull-up Current, Cool Down
TMR = 3V, FB = 1.5V,
ΔVSNS = 0V, ΔVDS = 0V
l
–1
–2.3
–3.5
µA
TMR Pin Pull-down Current, Cool Down VTMR = 3V, FB = 1.5V, ΔVSNS = 0V, ΔVDS = 0V
l
1
2
4
µA
VTMR(F)
VTMR(G)
VTMR(R)
TMR Fault Threshold
TMR Gate Off Threshold
TMR Restart Threshold
TMR Rising
TMR Rising
TMR Falling, LT4363-2
l
l
l
1.235
1.335
0.47
1.275
1.375
0.5
1.31
1.41
0.53
V
V
V
ΔVTMR
Early Warning Window
VTMR(G) – VTMR(F)
l
80
100
120
mV
VTMR(H)
TMR Cool Down High Threshold
VCC = 7V to 80V, TMR Rising
l
3.7
4.3
5
V
VUV
UV Input Threshold
UV Rising
l
1.24
1.275
1.31
V
VUV(HYST) UV Input Hysteresis
12
mV
VOV
OV Input Threshold
OV Rising
l
1.24
1.275
1.31
V
VOV(HYST) OV Input Hysteresis
7.5
mV
IIN
UV, OV Input Current
UV = 1.275V
UV = –60V
l
l
±0.2
–1
±1
–2
µA
mA
ILEAK
FLT, ENOUT Leakage Current
FLT, ENOUT = 80V
l
±0.5
±2.5
µA
VOL
FLT, ENOUT Output Low
ISINK = 0.1mA
ISINK = 2mA
l
l
300
2
800
9
mV
V
ΔVOUT(TH) OUT High Threshold
ΔVOUT = VCC – VOUT, ENOUT From Low to High
l
0.25
0.5
0.75
V
ΔVOUT(RST) OUT Reset Threshold
ENOUT From High to Low
l
1.9
2.7
3.6
V
IOUT
OUT Input Current
VCC = OUT = 12V, SHDN Open
VCC = OUT = 12V, SHDN = 0V
l
l
0.25
0.25
0.5
1
mA
mA
VSHDN
SHDN Threshold
VCC = 4V to 80V
l
0.6
0.4
1.4
1.7
2.1
V
V
VSHDN(Z)
SHDN Open Voltage
VCC = 4V to 80V
l
2.2
V
ISHDN
SHDN Current
SHDN = 0.4V
l
–1
–4
–8
µA
tRESET
SHDN Reset Time
SHDN ≤ 0.4V; LT4363-1
l
100
µs
D
Retry Duty Cycle; Overvoltage
VCC = 80V, OUT = 16V, FB = 1.5V; LT4363-2
l
1
2
%
Retry Duty Cycle; Output Short
VCC = 12V, OUT = 0V, ∆VSNS = 100mV; LT4363-2
l
0.76
1
%
tOFF(UV)
Undervoltage Turn Off Propagation Delay UV Steps from 1.5V to 1V
l
2
5
µs
tOFF(OV)
Overvoltage Turn Off Propagation Delay
FB Steps from 0V to 1.5V; OUT = 0V
l
0.25
1
µs
tOFF(OC)
Overcurrent Turn Off Propagation Delay
∆VSNS Steps from 0V to 150mV; OUT = 0V
l
1
2.5
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com