Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT4363
17
4363fa
APPLICATIONS INFORMATION
highcurrentapplications.Noiseimmunitywillbeimproved
significantly by locating resistive dividers close to the pins
with short VCC and GND traces.
Design Example
As a design example, take an application with the follow-
ing specifications: VCC = 8V to 14V DC with a transient of
150V and decay time constant (
τ) of 400ms, VOUT ≤ 27V,
current limit (ILIM) at 5A, low battery detection of 6V, input
overvoltage level at 60V, and 1ms of overvoltage early
warning (Figure 8).
Selection of SMAJ58A for D1 will limit the voltage at the
VCC pin to less than 71V during 150V surge. The minimum
required voltage at the VCC pin is 4V when VIN is at 8V;
the supply current for LT4363 is 1.5mA. The maximum
value for R7 to ensure proper operation is:
R7
=
8V – 4V
1.5mA
= 2.67kΩ
Select 1kΩ for R7 to accommodate all conditions.
The maximum current through R7 into D1 is then calcu-
lated as:
ID1=
150V – 64V
1k
Ω
= 86mA
which is easily handled by the SMAJ58A for more than
500ms.
With 0.1µF of bypass capacitance, C1, along with 1k of
R7, high voltage transients up to 200V with a pulse width
less than 10µs are filtered out at the VCC pin.
Next, calculate the resistive divider value to limit VOUT to
27V during an overvoltage event:
VREG =
1.275V • R1
+R2
(
)
R2
= 27V
Set the current through R1 and R2 during the overvoltage
condition to 250µA.
R2
=
1.275V
250µA
= 5kΩ
Choose 4.99kΩ for R2.
R1
=
27V – 1.275V
(
)•R2
1.275V
= 100.7kΩ
The nearest standard value for R1 is 100kΩ.
Next calculate the sense resistor, RSNS, value:
RSNS =
50mV
ILIM
=
50mV
5A
= 10mΩ
CTMR is then chosen for 1ms of early warning time:
CTMR =
1ms • 6µA
100mV
= 60nF
The nearest standard value for CTMR is 47nF.
Finally, calculate R4, R5, and R6 for 6V low battery detec-
tion and 60V input overvoltage level:
6V •
R5
+R6
R4
+R5+R6
= 1.275V
60V •
R6
R4
+R5+R6
= 1.275V
Choose 10kΩ for R6.
R4
+R5=
60V • 10k
Ω
1.275V
– 10k
Ω = 460.6kΩ
R5
= 1.275V •
460.6k
Ω + 10kΩ
6V
– 10k
Ω = 90kΩ
R4 = 460.6kΩ – 90kΩ = 370.6kΩ
Select 90.9kΩ for R5 and 374kΩ for R4.
The pass transistor, Q1, should be chosen to withstand a
short-circuit with VCC = 14V. In the case of a severe output
short where VOUT = 0V, the total overcurrent fault time is:
tOC =
47nF • 0.875V
45.5µA
= 0.904ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com