Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology LTC2913 Datasheet HTML 22Page - Linear Technology LTC2913 Datasheet HTML 23Page - Linear Technology LTC2913 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT4363
20
4363fa
TYPICAL APPLICATIONS
Overvoltage Regulator with Reverse Input Protection Up to –80V
Overvoltage Regulator with 250V Surge Protection
CTMR
0.1µF
RSNS
10m
Q1
IRLR2908
VIN
12V
VOUT
12V, 3A
CLAMPED
AT 16V
4363 TA05
LT4363DE-2
GND TMR
9
12
OUT
2
SNS
3
FB
1
R2
4.99k
R1
57.6k
GATE
4
VCC
5
R3
10
*DIODES INC.
**SANYO 25CE22GA
***OPTIONAL COMPONENT
FOR REDUCED STANDBY CURRENT
SHDN
6
UV
8
OV
7
FLT
ENOUT
10
11
CL**
22µF
Q2
IRLR2908
D1*
SMAJ58CA
R7
10k
R5
1M
Q3
2N3904
D2
1N4148
D3**
1N4148
R4
10
C1
47nF
0.1µF
R3
10
RSNS
10m
Q1
FDB33N25
Q2
MPS-A42
VIN
12V
4363 TA07
LT4363DE-2
GND
TMR
OUT
GATE SNS
UV
SHDN
OV
FAULT
OUTPUT
CLAMP
AT 16V
ENOUT
FLT
FB
D1*
SMAJ58A
*DIODES INC.
CL
22µF
C1
0.1µF
VCC
DC/DC
CONVERTER
GND
SHDN
VCC
R2
4.99k
R4
127k
R5
49.9k
R1
57.6k
C1
47nF
R6
49.9k
9
12
2
3
1
4
5
6
8
7
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com