Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT4363
12
4363fa
tFLT
= 15.5ms/µF
TOTAL FAULT TIMER = tFLT + tWARNING
tWARNING
= 16.67ms/µF
tFLT = 96.9ms/µF
tWARNING
= 16.67ms/µF
VTMR(V)
ITMR = 6µA
ITMR = 6µA
VDS = 75V
(ITMR = 50µA)
VDS = 10V
(ITMR = 8µA)
1.375
1.275
TIME
4363 F01
0.50
Fault Timer Operation in Overcurrent
TMR pin behavior in overcurrent is substantially the same
as in overvoltage. In the presence of an overcurrent con-
dition when the LT4363 regulates the output current, the
timer charges from 0.5V to 1.275V with a current that
varies as a function of VDS (see Figure 2). The current is
about 5 times the value produced in overvoltage, under
similar conditions VDS, increasing linearly from 8µA with
VDS < 0.5V to 260µA with VDS = 80V. VDS is inferred from
the drop across VCC and OUT. Because VDS is measured
indirectly, clamping or filtering at the VCC pin affects the
timer current response. A graph of Overcurrent TMR Cur-
rent vs (VCC – VOUT) is shown in the Typical Performance
Characteristics.
When TMR reaches 1.275V, the FLT pin is latched low as
an early warning of impending shutdown. But unlike the
overvoltage case, the timer current is not reduced and
instead continues unabated until TMR reaches 1.375V,
producing an early warning period given by:
CTMR = tWARNING •
ITMR
100mV
When TMR reaches 1.375V, the MOSFET is turned off and
allowed to cool for an extended period. The total elapsed
time between the onset of current limiting and turn-off
is given by:
tLIM =CTMR •
0.875V
ITMR
Because ITMR is a function of VCC – VOUT, the exact time
in current limit depends upon the input waveform and the
timerequiredfortheoutputcurrenttocomeintoregulation.
Cool Down Phase
Cool Down behavior is the same whether initiated by
overvoltage or overcurrent. During the cool down phase,
the timer continues to charge from 1.375V to 4.3V with
2µA, and then discharges back down to 0.5V with 2µA,
for a total equivalent voltage swing of 6.725V. The cool
down time is given by:
tCOOL =CTMR •
2.925V
+3.8V
2µA
UptothispointtheoperationoftheLT4363-1andLT4363-2
is the same. Behavior at the end of the cool down phase
and in response to the SHDN pin is entirely different.
At the end of the cool down phase the LT4363-1 remains
latched off and FLT remains low. It may be restarted by
pulling the SHDN pin low for at least 100µs or by cycling
power. The cool down phase may be interrupted at any-
time by pulling SHDN low for at least 1s/µF of CTMR; the
LT4363-1 will restart when SHDN goes high.
The LT4363-2 will automatically retry at the end of the
cool down phase. Retry is inhibited if the OV pin is above
1.275V; this prevents repetitive retries while the input is
held in a sustained overvoltage condition. Retry is auto-
APPLICATIONS INFORMATION
Figure 1. Overvoltage Fault Timer Current
Figure 2. Overcurrent Fault Timer Current
tFLT
= 2.98ms/µF
TOTAL FAULT TIMER = tFLT + tWARNING
tFLT = 22.14ms/µF
tWARNING
= 2.86ms/µF
tWARNING
= 0.38ms/µF
VTMR(V)
VDS = 10V
(ITMR = 35µA)
1.375
1.275
0.50
TIME
4363 F02
VDS = 80V
(ITMR = 260µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com