Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 21Page - Linear Technology LTC3101 Datasheet HTML 22Page - Linear Technology LTC3101 Datasheet HTML 23Page - Linear Technology LTC3101 Datasheet HTML 24Page - Linear Technology LTC3101 Datasheet HTML 25Page - Linear Technology LTC3101 Datasheet HTML 26Page - Linear Technology LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
25
3589fe
Table 9. Inductors for Step-Down Switching Regulators 2 and 3
MANUFACTURERS
PART NUMBER
VALUE
(μH)
DCR (Ω)
MAX DC
CURRENT (A)
SIZE (mm) W
× L × H
Coilcraft
XPL4020-102ML
XPL4020-152ML
XPL4020-472ML
1.0
1.5
4.7
0.029
0.036
0.130
4.00
3.60
1.90
4.2
× 4.2 × 2.0
4.2
× 4.2 × 2.0
4.2
× 4.2 × 2.0
Cooper
SD14-1R2-R
SD14-3R2-R
SD25-3R3-R
1.2
3.2
3.3
0.034
0.066
0.038
3.35
2.00
2.21
5.2
× 5.2 × 1.45
5.2
× 5.2 × 1.45
4.8
× 4.8 × 2.5
Sumida
CDRH5D16NP-4R7N
CDRH38D16RHPNP-3R3M
4.7
3.3
0.064
0.059
2.05
1.46
5.6
× 5.6 × 1.8
4.2
× 4.2 × 1.8
TDK
VLF5014ST-2R2N2R3
VLCF5020T-2R7N2R2-1
VLCF5020T-3R3N2R0-1
2.2
2.7
3.3
0.073
0.083
0.096
2.3
2.2
2
4.8
× 4.6 × 1.4
5.0
× 5.0 × 2.0
5.0
× 5.0 × 2.0
TOKO
1124BS-2R4N
1124BS-3R3N
2.4
3.3
0.065
0.074
2.30
2.10
4.5
× 4.7 × 1.8
4.5
× 4.7 × 1.8
Tokin
H-DI-0520-3R3
H-DI-0520-4R7
H-DI-0630-3R8
H-DI-0630-4R7
3.3
4.7
3.8
4.7
0.062
0.090
0.040
0.043
2.00
1.80
2.00
1.90
5.3
× 5.3 × 2.0
5.3
× 5.3 × 2.0
6.3
× 6.3 × 3.0
6.3
× 6.3 × 3.0
Wurth
744043004
744052002
7440530047
744042003
7440430022
4.7
2.5
4.7
3.3
2.2
0.052
0.030
0.030
0.055
0.023
1.55
2.4
2.4
1.95
2.5
5.0
× 5.0 × 3.0
5.8
× 5.8 × 1.8
5.8
× 5.8 × 2.8
4.8
× 4.8 × 1.8
4.8
× 4.8 × 2.8
OPERATION
Figure 4. Buck-Boost Switching Regulator Application Circuit
3589 F04
PVIN4
BB_OUT
SW4AB
SW4CD
A
BC
D
PWM
CONTROL
0.8V
EN
MODE
BB_FB
R1
22μF
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com