Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 43 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 39Page - Linear Technology LTC3101 Datasheet HTML 40Page - Linear Technology LTC3101 Datasheet HTML 41Page - Linear Technology LTC3101 Datasheet HTML 42Page - Linear Technology LTC3101 Datasheet HTML 43Page - Linear Technology LTC3101 Datasheet HTML 44Page - Linear Technology LTC3101 Datasheet HTML 45Page - Linear Technology LTC3101 Datasheet HTML 46Page - Linear Technology LTC3101 Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
43
3589fe
OPERATION
The power dissipated by an LDO regulator is estimated by:
PD(LDOX) =(VIN(LDOX)–V LDOX)• ILDOX
Where VLDOX is the programmed output voltage, VIN(LDOX)
is the LDO supply voltage, and ILDOX is the output load
current. If one of the switching regulator outputs is used
as an LDO supply voltage, remember to include the LDO
supply current in the switching regulator load current for
calculating power loss.
An example using the equations above with the parameters
in Table 19 shows an application that is at the maximum
junction temperature of 125°C at an ambient temperature
of 85°C. LDO2, LDO3, and LDO4 are powered by step-
down switching regulator 2 and the buck-boost switching
regulator. The total load on those two switching regula-
tors is the sum of the application load and the LDO load.
This example is with the LDO regulators at one half rated
current and the switching regulators at three quarters
rated current.
Table 19. TJ Calculation Example
OUTPUT
VIN
VOUT APP LOAD TOTAL
LOAD
EFF
POWER
DISS
LDO1_VSTB 3.8V
1.2V
10mA
10mA
30mW
LDO2
1.8V
1.2V
100mA
100mA
60mW
LDO3
3.3V
1.8V
100mA
100mA
150mW
LDO4
3.3V
2.5V
100mA
100mA
80mW
VOUT1
3.8V
1.2V
1.2A
1.2A
80%
290mW
VOUT2
3.8V
1.8V
0.65A
0.75A
90%
140mW
VOUT3
3.8V
1.25V
0.75A
0.75A
85%
140mW
VOUT4
3.8V
3.3V
0.70A
0.90A
90%
300mW
TOTAL POWER
1180mW
INTERNAL JUNCTION TEMPERATURE AT 85°C AMBIENT
125°C
Printed Circuit Board Layout
When laying out the printed circuit board, the following
checklist should be followed to ensure proper operation
of the LTC3589:
1. Connect the exposed pad of the package (Pin 41)
directly to a large ground plane to minimize thermal
and electrical impedance.
2. The switching regulator input supply traces and their
decoupling capacitors should be as short as possible.
Connect the GND side of the capacitors directly to the
ground plane of the board. The decoupling capacitors
provide the AC current to the internal power MOSFETs
and their drivers. It is important to minimize inductance
from the capacitors to the LTC3589 pins.
3. Minimize the switching power traces connecting SW1,
SW2, SW3, and buck-boost switch pins SW4AB and
SW4CD to the inductors to reduce radiated EMI and
parasitic coupling. Keep sensitive nodes such as the
feedback pins away from or shielded from the large
voltage swings on the switching nodes.
4. Minimize the length of the connection between the
step-down switching regulator inductors and the output
capacitors. Connect the GND side of the output capaci-
tors directly to the thermal ground plane of the board.
5. Minimize the length of the connection between the
buck-boost regulator output (BB_OUT) and the output
capacitor. Connect the GND side of the output capacitor
directly to the thermal ground plane of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com