Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology LTC3101 Datasheet HTML 33Page - Linear Technology LTC3101 Datasheet HTML 34Page - Linear Technology LTC3101 Datasheet HTML 35Page - Linear Technology LTC3101 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
32
3589fe
OPERATION
Figure12showsthestart-uptimingfortheapplicationshown
in Figure 11. There is a 200μs (typical) delay between the
enable pin and the internal enable signal to each regulator.
less of the status of PWR_ON and WAKE. Writing a 1 to
a regulator’s keep-alive bit in its dynamic target voltage
register will keep a regulator alive when the LTC3589 is
in standby (POFF) mode. A regulator with its keep-alive
bit set will stay enabled until the bit is reset writing the bit
LOW, resetting the LTC3589 with a pushbutton hard reset,
or a fault condition (UVLO, PGOOD, timeout or thermal
shutdown) occurs. PGOOD and fault status are reported
in the IRQSTAT and PGSTAT registers and on the IRQ and
PGOOD pins for keep-alive regulators when PWR_ON and
WAKE are LOW.
Software Control Mode
Once a power-up sequence is completed each regulator
may be enabled and disabled individually by the system
as needed for power mode requirements. Setting the out-
put voltage enable command register bit OVEN[7] HIGH
disconnects each regulator from its enable pin so control
is solely through the OVEN command register. To enter
software control mode, set command bit OVEN[7] HIGH
and the desired enable bits in OVEN[6:0] HIGH. Any of the
regulators enabled in OVEN[6:0] will stay on regardless of
the state of their enable pins when OVEN[7] is HIGH. Set-
ting the regulator enable bits and the software control bit in
OVEN[7] may occur on the same I2C start-stop sequence. A
normal shutdown using PWR_ON resets all eight bits of the
OVEN register to 0x00 to ensure all regulators are shut off.
FAULT DETECTION, SHUTDOWN, AND REPORTING
The LTC3589 monitors VIN, output rail voltages and internal
die temperature. A warning condition is indicated when
VIN is less than 2.9V and when internal die temperature
approaches the thermal shutdown temperature. A fault
condition occurs when VIN is less than 2.6V, any regulator
output is 8% low for 14ms, or the internal die temperature
is HIGH. Warning and fault states are reported via the IRQ,
PGOOD, and RTSO pins. Specific fault states are read via
the I2C serial port status registers IRQSTAT and PGSTAT.
To help ensure startup sequencing, the LTC3589 is de-
signed to block the internal enable of a regulator until its
output has discharged to less than 300mV. The I2C system
control register 2 (SCR2) controls whether the LTC3589
waits or enables immediately. The POR default setting for
the LTC3589 and LTC3589-1 is to wait for the output to be
less than 300mV before enabling. The output discharge
resistors on the LTC3589 and LTC3589-1 regulators are
tied to the settings in SCR2.
For use in systems that might back drive the regulator
outputs higher than 300mV, the LTC3589-2 POR default
setting is to always enable regardless of output voltage
and to always engage the discharge resistors whenever
the regulator is not enabled.
Keep-Alive Operation
For systems which require an active supply rail when in
system standby, any of the three LTC3589 step-down
switching regulators or LDO2 may be kept alive regard-
V1
V3
V2
V4
LDO2
LDO3
LDO4
3589 F12
WAKE
1.8V
2.8V
1.2V
3.3V
0.5V
0.5V
1.8V
1V
1.2V
200μs
200μs
200μs
Figure 12. Pin-Strap Sequencing Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com