Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 23Page - Linear Technology LTC3101 Datasheet HTML 24Page - Linear Technology LTC3101 Datasheet HTML 25Page - Linear Technology LTC3101 Datasheet HTML 26Page - Linear Technology LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
27
3589fe
Table 11. Inductors for Buck-Boost Switching Regulator
MANUFACTURERS
PART
NUMBER
VALUE
(μH)
DCR (Ω)
MAX DC
CURRENT (A)
SIZE (mm) W × L × H
Coilcraft
XPL4020-152ML
XPL4020-222ML
XPL4020-332ML
LPS6225-332ML
LPS6225-472ML
1.5
2.2
3.3
3.3
4.7
0.036
0.060
0.085
0.055
0.065
3.60
2.60
2.40
3.50
3.00
4.2 × 4.2 × 2.0
4.2 × 4.2 × 2.0
4.2 × 4.2 × 2.0
6.0 × 6.0 × 2.0
6.0 × 6.0 × 2.0
Cooper
SD14-1R5-R
SD14-2R0-R
SD14-2R5-R
SD14-3R2-R
SD25-3R3-R
1.5
2.0
2.5
3.2
3.3
0.039
0.045
0.060
0.066
0.038
2.91
2.56
2.29
2.00
2.21
5.2 × 5.2 × 1.45
5.2 × 5.2 × 1.45
5.2 × 5.2 × 1.45
5.2 × 5.2 × 1.45
4.8 × 4.8 × 2.5
Sumida
CDRH5D16NP-3R3N
CDRH5D16NP-4R7N
3.3
4.7
0.045
0.064
2.60
2.05
5.6 × 5.6 × 1.8
5.6 × 5.6 × 1.8
TDK
VLF5014ST-2R2N2R3
VLCF5020T-2R7N2R2-1
VLCF5020T-3R3N2R0-1
2.2
2.7
3.3
0.073
0.083
0.096
2.3
2.2
2
4.8 × 4.6 × 1.4
5.0 × 5.0 × 2.0
5.0 × 5.0 × 2.0
TOKO
1124BS-1R8N
1124BS-3R3N
1.8
3.3
0.056
0.074
2.70
2.10
4.5 × 4.7 × 1.8
4.5 × 4.7 × 1.8
Tokin
H-DI-0520-3R3
H-DI-0630-3R8
3.3
3.8
0.062
0.040
2.00
2.00
5.3 × 5.3 × 2.0
6.3 × 6.3 × 3.0
Wurth
744052002
7440420027
744053003
7440530047
2.5
2.7
3.0
4.7
0.030
0.047
0.024
0.030
2.4
2.2
2.8
2.4
5.8 × 5.8 × 1.8
4.8 × 4.8 × 1.8
5.8 × 5.8 × 2.8
5.8 × 5.8 × 2.8
Inductor Selection
Inductor selection criteria for the buck-boost are similar to
those given for the step-down switching regulators. The
buck-boost converter is designed to work with inductors
in the range of 1μH to 3.3μH. For most applications use a
1.5μH inductor. Choose an inductor with a DC current rating
at least two times larger than the maximum load current to
ensure that the inductor does not saturate during normal
operation. If output short-circuit is a possible condition,
the inductor should be rated to handle the maximum peak
current specified for the buck-boost converter. Table 10
shows several inductors that work well with the LTC3589
buck-boost regulator.
Table 10. Buck-Boost Command Register Settings
COMMAND
REGISTER[BIT]
VALUE SETTING
SCR1[6]
0*
1
Continuous Mode
Burst Mode Operation
OVEN[3]
0*
1
Disable
Enable
SCR2[3]
LTC3589/LTC3589-1
0*
1
Wait for Output Below 300mV Before Enable
Enable Immediately
SCR2[3]
LTC3589-2
0*
1
Enable Immediately
Wait for Output Below 300mV Before Enable
* Denotes Default Power-On Value
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com