Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology LTC3101 Datasheet HTML 33Page - Linear Technology LTC3101 Datasheet HTML 34Page - Linear Technology LTC3101 Datasheet HTML 35Page - Linear Technology LTC3101 Datasheet HTML 36Page - Linear Technology LTC3101 Datasheet HTML 37Page - Linear Technology LTC3101 Datasheet HTML 38Page - Linear Technology LTC3101 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
35
3589fe
Figure 17. IRQ and IRQSTAT Status Register Fault Timing
IRQ
IRQSTAT
CLIRQ
3589 F17
TSD, UV,
OR PGOOD FAULT
1 SEC
1 SEC
Figure 19. LTC3589 I2C Serial Port Multiple Write Pattern
1
2
34567
8
9
0
1
1
0
1
0
0 WR
S7 S6 S5 S4 S3 S2 S1 S0
D7 D6 D5 D4 D3 D2 D1 D0
S7 S6 S5 S4 S3 S2 S1 S0
D7 D6 D5 D4 D3 D2 D1 D0
1
2
34567
8
9
1
2
34567
8
9
1
2
34567
8
9
1
2
34567
8
9
SCL
ADDRESS
SUB ADDRESS
DATA
SUB ADDRESS
DATA
3589 F19
ACK
ACK
ACK
ACK
ACK
0
11
0
0
0
0
1
START
SDA
STOP
Figure 18. LTC3589 I2C Timing
tSU, DAT
tHD, STA
tHD, DAT
SDA
SCL
tHD, STA
tHD, STA
tSU, STO
3589 F18
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
START
tr
tf
tSP
OPERATION
Figure 17 shows the timing of the IRQ pin and IRQSTAT
status register following a fault induced hard shutdown
event. When a fault occurs, IRQ is latched LOW and bit
IRQSTAT[3], IRQSTAT[5], or IRQSTAT[7] is set. IRQ re-
mains LOW until the CLIRQ command is issued. When the
CLIRQ command has been issued, the IRQSTAT status bit
remains set for the one second enable inhibit time or as
long as the fault condition persists, whichever is longer.
Fault Induced Shutdown
Any of the three fault conditions will initiate a hard reset
shutdown triggering the following events: 1) A bit corre-
sponding to the fault is set in status register IRQSTAT, 2)
IRQ and WAKE pins are pulled LOW, 3) enable pin inputs
are ignored and the regulators are disabled, 4) all enable
bits and software control mode bit in the output voltage
enable OVEN command register are cleared, and 5) the
pushbutton controller is sent to the PDN state for one
second and then to POFF. Re-enabling of regulators is
inhibited until both the fault condition and the one second
time out have passed to allow regulator outputs sufficient
time to discharge. When one second timeout and the fault
condition are both passed, if PWR_ON is HIGH, WAKE will
come up and the LTC3589 will respond to any enable pins
that are also HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com