Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 25Page - Linear Technology LTC3101 Datasheet HTML 26Page - Linear Technology LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology LTC3101 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
29
3589fe
Figure 5. Pushbutton Controller State Diagram
OPERATION
Writing a 0 or 1 to the odd bits of voltage change control
register VCCR selects DAC output voltages V1 or V2,
respectively. A slew of the DAC is initiated by writing a 1
to an even bit of register VCCR. The DAC output will slew
to either voltage, V1 or V2, as selected by the odd bits of
register VCCR. Slew begins when the I2C STOP condition
is detected. At the end of the slewing operation the GO
bits in command register VCCR are cleared.
The slew rate for each regulator is set in the ramp rate
control register VRRCR. Each DAC has independent output
voltage registers, voltage register select, and slew rate and
start controls. The regulators do not have to be enabled
to change the DAC outputs.
The VSTB pin is used to set the DAC controlled output rails
to a low power standby condition. When VSTB is driven
HIGH, all four of the DAC references will immediately slew
to V2. To use VSTB to set the rails to standby voltage,
select V1 for normal rail voltages and V2 for standby rail
voltages. Drive VSTB high to immediately slew all the
DAC outputs to V2. When VSTB is driven LOW, the DAC
outputs will slew to V1.
The default power-up value of all the dynamic target voltage
registers is 11001 corresponding to a DAC output volt-
age of 0.675V. The DTV registers may be reprogrammed
prior to initiating a power-up sequence or at any time for
dynamic slewing.
When a step-down switching regulator output is slewing
down its mode is automatically switched to forced continu-
ous to enable the regulator to sink current. When LDO2 is
slewing down, a 2.5k pull-down is connected to its output.
Table 14 shows command register and feedback divider
settings to enable slewing step-down switching regulator 1
between 1.2V and 1V in 70μs. The voltage ramp rate
control register bits VRRCR[1:0] are set to 01 which
selects a ramp rate of 1.75mV/μs at the DAC output.
The slew rate at the regulator output is a function of the
feedback resistor divider gain. In this example, the slew
is equal to 1.75 • (1 + 301/499) = 2.8mV/μs. Therefore, a
slew of 200mV will take 70μs. To initiate a change from
1.2V to 1V write 11 to voltage change control register bits
VCCR[1:0]. VCCR[1] selects target register B1DTV2 to
set the regulator reference input to 0.625V. VCCR[0] set
to 1 initiates the dynamic slew to go to the new voltage.
To slew back to 1.2V write 01 to command register bits
VCCR[1:0].
Table 14. Dynamic Slewing Example for Step-Down Switching
Regulator 1
COMMAND
REGISTER
VOUT =1.2V
VOUT =1V
VRRCR[1:0]
01
01
Dynamic Slew Rate
VCCR[1]
01
Select DTV
B1DTV1[4:0]
11111
11111
Resistor Divider Shown
in Figure 3
R1 = 301kΩ
R2 = 499kΩ
B1DTV2[4:0]
10101
10101
PUSHBUTTON OPERATION
State Event Diagram
Figure 5 shows the LTC3589 pushbutton state diagram.
Upon the first power application to the LTC3589 VIN pin an
internal power-on reset circuit puts the pushbutton into the
power-down (PDN) state and initiates a one second timer.
The LTC3589 status pin RSTO is pulled low until one second
times out and the always-alive LDO1 is indicating power
good status. After the one second interval the pushbutton
circuit will transition to the power-off (POFF) standby state.
The LTC3589-1/LTC3589-2 powers on directly to the POFF
state bypassing the one second delay. Status pin RSTO will
be released high when LDO1 indicates power good status.
The LTC3589 will not leave the POFF state and enter the
1 SEC
POR
5 SEC
LTC3589
LTC3589-1/LTC3589-2
ON OR
PWR_ON
FAULT OR
PWR_ON OR
HARD RESET
PUP
PON
POFF
PDN
1 SEC
POR
3589 F05
5 SEC
ON OR
PWR_ON
FAULT OR
PWR_ON OR
HARD RESET
PUP
PON
POFF
PDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com