Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology LTC3101 Datasheet HTML 33Page - Linear Technology LTC3101 Datasheet HTML 34Page - Linear Technology LTC3101 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
31
3589fe
Figure 11. Pin-Strap Start-Up Sequence Application Circuit
ON(PB)
PBSTAT
FAULT
WAKE
PWR_ON
CLIRQ
IRQ
3589 F10
μC/μP CONTROL
<1 SEC
Figure 10. Hard Reset Due to a Fault Condition
OPERATION
Figure 6. Power-Up Using the Pushbutton
PBSTAT
WAKE
PWR_ON
3589 F06
ON(PB)
μC/μP CONTROL
400ms
<5 SEC
Figure 9. Hard Reset Using the Pushbutton
PBSTAT
WAKE
PWR_ON
RSTO
3589 F09
ON(PB)
μC/μP CONTROL
50ms
1 SEC
5 SEC
Figure 7. Power Down Using Pushbutton
Figure 8. Power-Up and Down Using PWR_ON Pin
3589 F11
EN1
EN2
EN3
EN4
EN_LDO2
EN_LDO34
ON
PWR_ON
LTC3589
PWR_ON
WAKE
SW1
SW2
SW3
BB_OUT
LDO2
LDO3
LDO4
1V TO 1.2V
VIN
1.8V
0.8V TO 1V
3.3V
1.2V
1.8V
2.8V
always-active LDO operating. If PWR_ON is HIGH at the
end of one second and the fault condition has cleared, the
LTC3589 will power-up in the same way shown in Figure 8.
Neither IRQ nor the status registers are cleared by the
fault induced shutdown.
ENABLE AND POWER-ON SEQUENCING
Enable Input Pin Operation
The regulator enable input pins facilitate pin-strapping an
output rail to the enable pin of the next regulator in the
desired sequence. The regulator enable inputs normally
have a 0.8V (typical) input threshold. If any enable is driven
HIGH, the remaining enable input thresholds switch to a
more accurate 500mV (typical) threshold.
Figure 11 shows an application circuit for a typical pin-
strapped start-up sequence. Holding ON LOW for 400ms
brings up the WAKE pin that is tied to EN1 and EN3 to en-
able step-down switching regulators 1 and 3. The output of
regulator 1 is tied to EN2 and EN4 that enables step-down
switching regulator 2 and the buck-boost switching regu-
lator 4. The output of step-down switching regulator 2 is
tied to EN_LDO2 and EN_LDO34 to enable LDO2, LDO3
and LDO4. Within five seconds of WAKE going HIGH, the
microprocessor or microcontroller must drive PWR_ON
HIGH to tell LTC3589 that rails are good and to stay in the
power-on state.
PBSTAT
WAKE
PWR_ON
3589 F08
ON(PB)
μC/μP CONTROL
50ms
5 SEC
50ms - LTC3589
2ms - LTC3589-1/LTC3589-2
PBSTAT
WAKE
3589 F07
ON(PB)
50ms
<5 SEC
PWR_ON
μC/μP CONTROL
50ms - LTC3589
2ms - LTC3589-1/
LTC3589-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com