Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 22Page - Linear Technology LTC3101 Datasheet HTML 23Page - Linear Technology LTC3101 Datasheet HTML 24Page - Linear Technology LTC3101 Datasheet HTML 25Page - Linear Technology LTC3101 Datasheet HTML 26Page - Linear Technology LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
26
3589fe
Operating Modes
Table 10 shows the I2C command registers used to control
the operating modes of the LTC3589 buck-boost converter.
When command register SCR1 bit 6 is LOW, the LTC3589
buck-boost switching regulator operates in a fixed fre-
quency pulse width modulation mode using voltage mode
feedback control. A proprietary switching algorithm allows
the converter to transition between buck, buck-boost, and
boost modes without discontinuity in inductor current or
loop characteristics. The switch topology is shown in the
application circuit in Figure 4.
When the input voltage is significantly greater than the
output voltage, the buck-boost converter operates in
buck mode. Switch D turns on continuously and switch C
remains off. Switches A and B are pulse width modulated
to produce the required duty cycle to support the output
regulation voltage. As the input voltage decreases, switch A
remains on for a larger portion of the switching cycle.
When the duty cycle reaches approximately 85%, the
switch pair AC begins turning on for a small fraction of the
switching period. As the input voltage decreases further,
the AC switch pair remains on for longer durations and
the duration of the BD phase decreases proportionately.
As the input voltage drops below the output voltage, the
AC phase will eventually increase to the point that there is
no longer any BD phase. At this point, switch A remains
on continuously while switches CD operate as a boost
converter to regulate the desired output voltage.
The buck-boost is set to Burst Mode operation by writing
a 1 to command register SCR1 bit 6. Using Burst Mode
operation at light loads improves efficiency and reduces
standby current at zero loads. In Burst Mode operation,
the inductor is charged with bursts of fixed peak amplitude
current pulses. The current pulses are repeated as often
as necessary to maintain the target output voltage. The
maximum output current that can be supplied in Burst Mode
operation is dependent upon the input and output voltage.
Typically IOUT(MAX) in Burst Mode operation is equal to:
IOUT(MAX) =
0.28 • VIN
VOUT+ VIN
(A)
OPERATION
If the buck-boost load exceeds the maximum Burst Mode
current capability then the output rail will lose regula-
tion and the power good comparator will indicate a fault
condition.
When the LTC3589 buck-boost is not enabled, a 2.5k pull-
down resistor is connected between BB_OUT and ground.
Soft-Start
The buck-boost converter has an internal voltage mode soft-
start circuit that ramps the buck-boosts error amp reference
from 0V to 800mV at a rate of 2V/ms. During soft-start,
the converter is regulating to the ramping reference and
will respond to output load transients. During soft-start the
buck-boost converter is forced into continuous mode opera-
tion regardless of the state of the SCR1 command register.
Current Limit Operation
The LTC3589 buck-boost regulator has current limit circuits
to limit forward current through the A switch and reverse
current through the D switch. The primary forward cur-
rent limit circuit injects a small fraction of the inductor
current into the feedback node whenever the inductor
current exceeds 2.7A (typical). Forcing the current into
the feedback node in the high gain feedback circuit has
the effect of lowering the output voltage until the aver-
age current in switch A is equal to the current limit. The
average limit uses the error amplifier in its active linear
state so once the fault condition is removed the recovery
is smooth with little overshoot.
A hard short on the output of the buck-boost will cause the
inductor current to exceed the 2.7A average current limit.
A second current limit turns off switch A in the event peak
inductor current reaches 3A (typical). The instantaneous
forward current limit provides extra protection in the event
of a sudden hard short.
The reverse current comparator on the D switch moni-
tors the current entering the BB_OUT pin. When this
current exceeds 1A (typical) switch D will turn off for the
remainder of the switching cycle. This feature protects
the buck-boost converter from excessive reverse current
if the buck-boost output is held above the regulation point
by an external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com