Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3101
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 35Page - Linear Technology LTC3101 Datasheet HTML 36Page - Linear Technology LTC3101 Datasheet HTML 37Page - Linear Technology LTC3101 Datasheet HTML 38Page - Linear Technology LTC3101 Datasheet HTML 39Page - Linear Technology LTC3101 Datasheet HTML 40Page - Linear Technology LTC3101 Datasheet HTML 41Page - Linear Technology LTC3101 Datasheet HTML 42Page - Linear Technology LTC3101 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
39
3589fe
OPERATION
Table 17. LTC3589 Command Register Table
REG
NAME
B[7]
B[6]
B[5]
B[4]
B[3]
B[2]
B[1]
B[0]
DEFAULT
0x12
LTC3589-2
SCR2
Mask PGOOD
Hard
Shutdown:
0 = Allow
PGOOD
Timeout Hard
Shutdown.
1 = Allow
PGOOD Hard
Shutdown.
LDO4
Start-Up:
0 = Don’t Wait
for Output <
300mV Before
Enable
1 = Wait for
Output < 300mV
Before Enable
LDO4
Start-Up:
0 = Don’t Wait
for Output <
300mV Before
Enable
1 = Wait for
Output <
300mV Before
Enable
LDO4
Start-Up:
0 = Don’t Wait
for Output <
300mV Before
Enable
1 = Wait for
Output <
300mV Before
Enable
LDO4
Start-Up:
0 = Don’t Wait
for Output <
300mV Before
Enable
1 = Wait for
Output <
300mV Before
Enable
LDO4
Start-Up:
0 = Don’t Wait
for Output <
300mV Before
Enable
1 = Wait for
Output <
300mV Before
Enable
LDO4
Start-Up:
0 = Don’t Wait
for Output <
300mV Before
Enable
1 = Wait for
Output <
300mV Before
Enable
LDO4
Start-Up:
0 = Don’t Wait
for Output
< 300mV
Before Enable
1 = Wait
for Output
< 300mV
Before Enable
0000 0000
0x20
VCCR
LDO2
Reference
Select:
0 =
L2DTV1[4-0]
1 =
L2DTV2[4-0]
Start LDO2
Slew:
0 = Went
1 = GO
Step-Down
Switching
Regulator 3
Reference
Select:
0 =
B3DTV1[4-0]
1 =
B3DTV2[4-0]2
Start
Step-Down
Switching
Regulator 3
Slew:
0 = Went
1= GO
Step-Down
Switching
Regulator 2
Reference
Select:
0 =
B2DTV1[4-0]
1 =
B2DTV2[4-0]
Start
Step-Down
Switching
Regulator 2
Slew:
0 = Went
1= GO
Step-Down
Switching
Regulator 1
Reference
Select:
0 =
B1DTV1[4-0]
1 =
B1DTV2[4-0]2
Start
Step-Down
Switching
Regulator 1
Slew:
0 = Went
1= GO
0000 0000
0x21
CLIRQ
0x23
B1DTV1 Step-Down Switching
Regulator Switch DV/DT
Control:
00 = 1ns
01 = 2ns
10 = 4ns
11 = 8ns
PGOOD
Mask:
0 = PGOOD
Low When
Slewing
1 = PGOOD
Not Forced
Low When
Slewing.
Step-Down Switching Regulator 1 Feedback Reference Input (V1)
00000 = 362.5mV
11001 = 675mV
11111 = 750mV
12.5mV Step Size
0001 1001
0x24
B1DTV2 Keep-Alive
Mode:
0 = Normal
Shutdown
1 = Keep-Alive
Phase
Select:
0 = Clock
Phase 1
1 = Clock
Phase 2
Step-Down
Switching
Regulator 1
Clock Rate
0 = 2.25MHz
1 = 1.12MHz
Step-Down Switching Regulator 1 Feedback Reference Input (V2)
00000 = 362.5mV
11001 = 675mV
11111 = 750mV
12.5mV Step Size
0001 1001
0x25
VRRCR LDO2 Dynamic Reference
Slew Rate:
00 = 0.88mV/μs
01 = 1.75mV/μs
10 = 3.5mV/μs
11 = 7mV/μs
Step-Down Switching
Regulator 3 Dynamic
Reference Slew Rate:
00 = 0.88mV/μs
01 = 1.75mV/μs
10 = 3.5mV/μs
11 = 7mV/μs
Step-Down Switching
Regulator 2 Dynamic
Reference Slew Rate:
00 = 0.88mV/μs
01 = 1.75mV/μs
10 = 3.5mV/μs
11 = 7mV/μs
Step-Down Switching
Regulator 1 Dynamic
Reference Slew Rate:
00 = 0.88mV/μs
01 = 1.75mV/μs
10 = 3.5mV/μs
11 = 7mV/μs
1111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com