Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC4211
14
4211fb
OPERATION
UNDERVOLTAGE LOCKOUT
The LTC4211’s power-on reset circuit initializes the start-
up procedure and ensures the chip is in the proper state if
the input supply voltage is too low. If the supply voltage
falls below 2.18V, the LTC4211 is in undervoltage lockout
(UVLO) mode, and the GATE pin is pulled low. Since the
UVLO circuitry uses hysteresis, the chip restarts after the
supply voltage rises above 2.3V and the ON pin goes high.
In addition, users can utilize the ON comparator (COMP1)
or the FAULT comparator (COMP6) to effectively program
a higher undervoltage lockout level. Figure 3 shows how
the external resistor divider at the ON pin programs the
system’s undervoltage lockout voltage. The system will
enter the plug-in cycle after the ON pin rises above 1.316V.
The resistor divider sets the circuit to turn on when VCC
reaches around 79% of its final value. If a different turn on
VCC voltage is desired change the resistor divider values
accordingly. Alternatively, the FAULT comparator can be
used to configure the external undervoltage lockout level.
If the FAULT comparator is used for this purpose, the
system will wait for the input voltage to increase above
the level set by the user before starting the second timing
cycle. Also, if the input voltage drops below the set level
in normal operating mode, the user must cycle the ON pin
or VCC to restart the system.
GLITCH FILTER FOR RESET
The LTC4211 has a glitch filter to prevent transients on the
FB pin from generating a system reset. The relationship
between glitch filter time and the FB transient voltage is
shown in Figure 4.
Figure 4. FB Comparator Glitch Filter Time
vs Feedback Transient Voltage
Figure 3. ON Pin Sets the Undervoltage
Lockout Voltage Externally
SYSTEM TIMING
System timing for the LTC4211 is generated at the TIMER
pin (see the Block Diagram). If the LTC4211’s internal
timing circuit is off, an internal N-channel FET connects
the TIMER pin to GND. If the timing circuit is enabled,
an internal 2μA current source is then connected to the
TIMER pin to charge CTIMER at a rate given by Equation 1:
CTIMER Charge-Up Rate =
2µA
CTIMER
(1)
When the TIMER pin voltage reaches COMP4’s threshold
of 1.236V, the TIMER pin is reset to GND. Equation 2 gives
an expression for the timer period:
tTIMER = 1.236V •
CTIMER
2µA
(2)
As a design aid, the LTC4211’s timer period as a function
of the CTIMER using standard values from 3.3nF to 0.33μF
is shown in Table 1.
VIN
3.3V
R1
10k
R2
10k
ON PIN
(a) 3.3VIN
VIN
5V
R1
20k
R2
10k
ON PIN
(b) 5VIN
VIN
12V
R1
61.9k
R2
10k
ON PIN
(c) 12VIN
4211 F03
FB TRANSIENT (mV)
0
150
200
250
160
4211 F04
100
50
0
40
80
120
20
180
60
100
140
200
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com