Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology LTC1421 Datasheet HTML 22Page - Linear Technology LTC1421 Datasheet HTML 23Page - Linear Technology LTC1421 Datasheet HTML 24Page - Linear Technology LTC1421 Datasheet HTML 25Page - Linear Technology LTC1421 Datasheet HTML 26Page - Linear Technology LTC1421 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC4211
23
4211fb
OPERATION
The maximum load current that trips the circuit breaker
is given in Equation 12.
ITRIP(MAX) =
VCB(MAX)
RSENSE(MIN)
=
60mV
RSENSE(MIN)
(12)
where
RSENSE(MIN) =RSENSE(NOM) 1–
RTOL
100
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
For example:
If a sense resistor with 7mΩ ±5% RTOL is used for current
limiting, the nominal trip current ITRIP(NOM) = 7.1A. From
Equations 11 and 12, ITRIP(MIN) = 5.4A and ITRIP(MAX) =
9.02A respectively.
For proper operation and to avoid the circuit breaker trip-
ping unnecessarily, the minimum trip current (ITRIP(MIN))
must exceed the circuit’s maximum operating load current.
For reliability purposes, the operation at the maximum
trip current (ITRIP(MAX)) must be evaluated carefully. If
necessary, two resistors with the same RTOL can be con-
nected in parallel to yield an RSENSE(NOM) value that fits
the circuit requirements.
POWER MOSFET SELECTION CRITERIA
To start the power MOSFET selection process, choose the
maximum drain-to-source voltage, VDS(MAX),andthemaxi-
mum drain current, ID(MAX) of the MOSFET. The VDS(MAX)
rating must exceed the maximum input supply voltage
(including surges, spikes, ringing, etc.) and the ID(MAX)
rating must exceed the maximum short-circuit current in
the system during a fault condition. In addition, consider
three other key parameters: 1) the required gate-source
(VGS) voltage drive, 2) the voltage drop across the drain-
to-source on resistance, RDS(ON) and 3) the maximum
junction temperature rating of the MOSFET.
Power MOSFETs are classified into three categories:
standard MOSFETs (RDS(ON) specified at VGS = 10V)
logic-level MOSFETs (RDS(ON) specified at VGS = 5V), and
sub-logic-level MOSFETs (RDS(ON)specifiedatVGS=2.5V).
The absolute maximum rating for VGS is typically ± 20V for
standard MOSFETs. However, the VGS maximum rating for
logic-level MOSFETs ranges from ±8V to ±20V depend-
ing upon the manufacturer and the specific part number.
The LTC4211’s GATE overdrive as a function of VCC is
illustrated in the Typical Performance curves. Logic-level
and sub-logic-level MOSFETs are recommended for low
supply voltage applications and standard MOSFETs can
be used for applications where supply voltage is greater
than 4.75V.
Note that in some applications, the gate of the external
MOSFET can discharge faster than the output voltage
when the circuit breaker is tripped. This causes a nega-
tive VGS voltage on the external MOSFET. Usually, the
selected external MOSFET should have a ± VGS(MAX) rat-
ing that is higher than the operating input supply voltage
to ensure that the external MOSFET is not destroyed by
a negative VGS voltage. In addition, the ±VGS(MAX) rating
of the MOSFET must be higher than the gate overdrive
voltage. Lower ±VGS(MAX) rating MOSFETs can be used
with the LTC4211 if the GATE overdrive is clamped to a
lower voltage. The circuit in Figure 12 illustrates the use
of Zener diodes to clamp the LTC4211’s GATE overdrive
signal if lower voltage MOSFETs are used.
Figure 12. Optional Gate Clamp for Lower VGS(MAX) MOSFETs
VCC
VOUT
*USER SELECTED VOLTAGE CLAMP
(A LOW BIAS CURRENT ZENER DIODE IS RECOMMENDED)
1N4688 (5V)
1N4692 (7V): LOGIC-LEVEL MOSFET
1N4695 (9V)
1N4702 (15V): STANDARD-LEVEL MOSFET
4211 F12
RSENSE
GATE
D2*
D1*
Q1
RG
200Ω
The RDS(ON) of the external pass transistor should be low
to make its drain-source voltage (VDS) a small percentage
of VCC. At a VCC = 2.5V, VDS + VRSENSE = 0.1V yields 4%
error at the output voltage. This restricts the choice of
MOSFETs to very low RDS(ON). At higher VCC voltages, the
VDS requirement can be relaxed in which case MOSFET
package dissipation (PD and TJ) may limit the value of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com