Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 3 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC4211
3
4211fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IINON
ON Input Current
VON = VCC or GND
±1
±10
μA
ILEAK
RESET, FAULT Leakage Current
VRESET = VFAULT = 15V, Pull-Down Device Off
l
±0.1
±2.5
μA
IINSENSE
SENSE Input Current
VSENSE = VCC or GND
±1
±10
μA
VCB(FAST)
SENSE Trip Voltage (VCC – VSENSE)
Fast Comparator Trips
l
130
150
170
mV
VCB(SLOW)
SENSE Trip Voltage (VCC – VSENSE)
Slow Comparator Trips
l
40
50
60
mV
IGATEUP
GATE Pull-Up Current
Charge Pump On, VGATE ≤ 0.2V
l
–12.5
– 10
–7.5
μA
IGATEDOWN Normal GATE Pull-Down Current
ON Low
l
130
200
270
μA
Fast GATE Pull-Down Current
FAULT Latched and Circuit Breaker Tripped or in
UVLO
50
mA
ΔVGATE
External N-Channel Gate Drive
VGATE – VCC (For VCC = 2.5V)
VGATE – VCC (For VCC = 2.7V)
VGATE – VCC (For VCC = 3.3V)
VGATE – VCC (For VCC = 5V)
VGATE – VCC (For VCC = 12V)
VGATE – VCC (For VCC = 15V)
l
l
l
l
l
l
2.5
4.5
5.0
10
10
8
8
8
10
16
18
18
V
V
V
V
V
V
VGATEOV
GATE Overvoltage Lockout Threshold
l
0.08
0.2
0.3
V
VFB
FB Voltage Threshold
FB High to Low
l
1.223
1.236
1.248
V
ΔVFB
FB Threshold Line Regulation
2.5V ≤ VCC ≤ 16.5V
l
0.5
5
mV
VFBHST
FB Voltage Threshold Hysteresis
3mV
VONHI
ON Threshold High
l
1.23
1.316
1.39
V
VONLO
ON Threshold Low
l
1.20
1.236
1.26
V
VONHST
ON Hysteresis
80
mV
IFILTER
FILTER Current
During Slow Fault Condition
l
–2.5
–2
–1.5
μA
During Normal and Reset Conditions
l
710
13
μA
VFILTER
FILTER Threshold
Latched Off Threshold, FILTER Low to High
l
1.20
1.236
1.26
V
VFILTERHST
FILTER Threshold Hysteresis
80
mV
ITMR
TIMER Current
Timer On, VTIMER = 1V
l
– 2.5
–2
–1.5
μA
Timer Off, TIMER = 1.5V
3
mA
VTMR
TIMER Threshold
TIMER Low to High
l
1.20
1.236
1.26
V
TIMER High to Low
l
0.15
0.200
0.40
V
VFAULT
FAULT Threshold
Latched Off Threshold, FAULT High to Low
l
1.20
1.236
1.26
V
VFAULTHST
FAULT Threshold Hysteresis
50
mV
VOLFAULT
Output Low Voltage
IFAULT = 1.6mA
l
0.14
0.4
V
VOLRESET
Output Low Voltage
IRESET = 1.6mA
l
0.14
0.4
V
tFAULTFC
FAST COMP Trip to GATE Discharging
VCB = 0mV to 200mV Step
l
300
700
ns
tFAULTSC
SLOW COMP Trip to GATE Discharging
VCB = 0mV to 100mV Step,
8-Pin Version or FILTER Floating
l
10
20
30
μs
VCB = 0mV to 100mV Step,
10nF at FILTER Pin to GND
l
468
ms
tEXTFAULT
FAULT Low to GATE Discharging
VFAULT = 5V to 0V
l
135
μs
tFILTER
FILTER High to FAULT Latched
VFILTER = 0V to 5V
l
2
4.5
7
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com