Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LTC4211
16
4211fb
OPERATION
a start-up check to make sure the supply voltage is above
its 2.3V UVLO threshold (see Time Point 1). If the input
supply voltage is valid, the gate of the external pass tran-
sistor is pulled to ground by the internal 200μA current
source connected at the GATE pin. The TIMER pin is held
low by an internal N-channel pull-down transistor (see
M6, LTC4211 Block Diagram) and the FILTER pin voltage
is pulled to ground by an internal 10μA current source.
Once VCC and ON (the ON pin is >1.316) are valid, the
LTC4211 checks to make sure that GATE is OFF (VGATE <
0.2V) at Time Point 2. An internal timing circuit is enabled
and the TIMER pin voltage ramps up at the rate described by
Equation 1. At Time Point 3 (the timing period programmed
by CTIMER), the TIMER pin voltage equals VTMR (1.236V).
Next, the TIMER pin voltage ramps down to Time Point 4
where the LTC4211 performs two checks: (1) FILTER pin
voltage is low (VFILTER < 1.156V) and (2) FAULT pin volt-
age is high (VFAULT > 1.286V). If both conditions are met,
the LTC4211 begins a second timing (soft-start) cycle.
Second Timing (Soft-Start) Cycle
At the beginning of the second timing cycle (Time Point 5),
the LTC4211’s FAST COMP is armed and an internal 10μA
current source working with an internal charge pump
provides the gate drive to the external pass transistor. The
LTC4211 automatically limits the inrush current in one of
two ways: by controlling the GATE pin voltage slew rate
or by actively limiting the inrush current. If GATE voltage
slew rate control is preferred, an external capacitor CGATE
can be used from GATE to ground, as shown in Figure 6.
An expression for the GATE voltage slew rate is given by
Equation 3:
VGATE Slew Rate,
dVGATE
dt
=
10µA
CGATE
(3)
Adding CGATE slows the GATE voltage slew rate at the ex-
pense of slower system turn-on and turn-off time. Should
this technique be used, values for CGATE less than 150nF
are recommended.
The inrush current being delivered to the load while
the GATE is ramping is dependent on CLOAD and CGATE.
Equation 4 gives an expression for the inrush current
during the second timing cycle:
IINRUSH =
dVGATE
dt
•CLOAD = 10µA •
CLOAD
CGATE
(4)
For example, if CGATE = 3300pF and CLOAD = 2000μF, the
inrush current charging CLOAD is:
IINRUSH = 10µA •
2000µF
0.0033µF
= 6.06A
(5)
At Time Point 6, the output voltage trips COMP2’s thresh-
old, signaling an output voltage “power good” condition.
At Time Point 7, RESET is asserted high, SLOW COMP is
armed and the LTC4211 enters a fault monitor mode. The
TIMER voltage then ramps down to Time Point 8.
Power-Off Cycle
As shown at Time Point 9, an external hard reset is initiated
by pulling the ON pin low (VON < 1.236V). The GATE pin
voltage is ramped to ground by the internal 200μA cur-
rent source, discharging CGATE and turning off the pass
transistor. As CLOADdischarges,theoutputvoltagecrosses
COMP2’s threshold, signaling a “power bad” condition at
Time Point 10. At this point, RESET is asserted low.
Figure 6. Using an External Capacitor at GATE for
GATE Voltage Slew Rate Control
M1
Si4410DY
RSENSE
0.007Ω
CGATE*
CLOAD
4211 F06
+
VCC
SENSE
LTC4211**
GATE
FB
R1
36k
VOUT
5V
5A
VIN
5V
R2
15k
*
**
VALUES ≤150nF SUGGESTED
ADDITIONAL DETAILS OMITTED
FOR CLARITY
=
dVGATE
dt
VGATE SLEW RATE CONTROL
10μA
CGATE
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com