Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 29Page - Linear Technology LTC1421 Datasheet HTML 30Page - Linear Technology LTC1421 Datasheet HTML 31Page - Linear Technology LTC1421 Datasheet HTML 32Page - Linear Technology LTC1421 Datasheet HTML 33Page - Linear Technology LTC1421 Datasheet HTML 34Page - Linear Technology LTC1421 Datasheet HTML 35Page - Linear Technology LTC1421 Datasheet HTML 36Page - Linear Technology LTC1421 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC4211
33
4211fb
APPLICATIONS INFORMATION
1
2
3
4
5
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
RESET
ON
FILTER
TIMER
GND
LTC4211
Q1
Si4410DY
R1
36k
VOUT
5V
5A
R2
15k
CLOAD
4211 F25
RSENSE
0.007Ω
+
CTIMER
10nF
CFILTER
47pF
Z2
6.2V
LONG
5V
GND
FAULT
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT
SHORT
SHORT
RESET
ON/OFF
R4
10Ω
Z1*
C1
0.1μF
R5
10k
R7
10k
R6
10k
R3
10k
Z1 = 1SMA10A OR SMAJ10A
Z2 = 1N4691
* OPTIONAL
D1
IN4148
12
3 4 5
OVERVOLTAGE SENSED BY FILTER PIN AND CIRCUIT BREAKER TRIPS
VCC
TIMER
GATE
VOUT
RESET
FILTER
ON
6
FAULT
FPD
4211 F26
VREF
Figure 25. LTC4211MS Low Side Overvoltage Protection Implementation
Figure 26. Low Side Overvoltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com