Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology LTC1421 Datasheet HTML 22Page - Linear Technology LTC1421 Datasheet HTML 23Page - Linear Technology LTC1421 Datasheet HTML 24Page - Linear Technology LTC1421 Datasheet HTML 25Page - Linear Technology LTC1421 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC4211
22
4211fb
OPERATION
SENSE RESISTOR CONSIDERATIONS
The fault current level at which the LTC4211’s internal
electronic circuit breaker trips is determined by a sense
resistor connected between the LTC4211’s VCC and SENSE
pins and two separate trip points. The first trip point is
set by the SLOW COMP’s threshold, VCB(SLOW) = 50mV,
and occurs should a load current fault condition exist for
more than 20μs. The current level at which the electronic
circuit breaker trips is given by Equation 8:
ITRIP(SLOW) =
VCB(SLOW)
RSENSE
=
50mV
RSENSE
(8)
The second trip point is set by the FAST COMP’s threshold,
VCB(FAST) = 150mV, and occurs during fast load current
transients that exist for 300ns or longer. The current level
at which the circuit breaker trips in this case is given by
Equation 9:
ITRIP(FAST) =
VCB(FAST)
RSENSE
=
150mV
RSENSE
(9)
As a design aid, the currents at which the electronic circuit
breaker trips for common values for RSENSE are shown
in Table 3.
Figure 11. Making PCB Connections to the Sense Resistor
Table 2. tSLOWCOMP vs CFILTER
CFILTER
tSLOWCOMP
100pF
82μs
220pF
156μs
330pF
224μs
470pF
310μs
680pF
440μs
820pF
527μs
1000pF
638μs
Table 3. ITRIP(SLOW) and ITRIP(FAST) vs RSENSE
RSENSE
ITRIP(SLOW)
ITRIP(FAST)
0.005Ω
10A
30A
0.006Ω
8.3A
25A
0.007Ω
7.1A
21A
0.008Ω
6.3A
19A
0.009Ω
5.6A
17A
0.01Ω
5A
15A
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4211’s
VCC and SENSE pins are strongly recommended. The
drawing in Figure 11 illustrates the correct way of making
connections between the LTC4211 and the sense resis-
tor. PCB layout should be balanced and symmetrical to
minimize wiring errors. In addition, the PCB layout for the
sense resistor should include good thermal management
techniques for optimal sense resistor power dissipation.
The power rating of the sense resistor should accommodate
steady-state fault current levels so that the component is
not damaged before the circuit breaker trips. Table 4 in
the Appendix lists sense resistors that can be used with
the LTC4211’s circuit breaker.
IRC-TT SENSE RESISTOR
LR251201R010F
OR EQUIVALENT
0.01, 1%, 1W
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
TO
VCC
TO
SENSE
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
W
4211 F11
CALCULATING CIRCUIT BREAKER TRIP CURRENT
For a selected RSENSE value, the nominal load current that
trips the circuit breaker is given by Equation 10:
ITRIP(NOM) =
VCB(NOM)
RSENSE(NOM)
=
50mV
RSENSE(NOM)
(10)
The minimum load current that trips the circuit breaker is
given by Equation 11.
ITRIP(MIN) =
VCB(MIN)
RSENSE(MAX)
=
40mV
RSENSE(MAX)
(11)
where
RSENSE(MAX) = RSENSE(NOM)
1
+
RTOL
100
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com