Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology LTC1421 Datasheet HTML 22Page - Linear Technology LTC1421 Datasheet HTML 23Page - Linear Technology LTC1421 Datasheet HTML 24Page - Linear Technology LTC1421 Datasheet HTML 25Page - Linear Technology LTC1421 Datasheet HTML 26Page - Linear Technology LTC1421 Datasheet HTML 27Page - Linear Technology LTC1421 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTC4211
24
4211fb
OPERATION
RDS(ON). Table 5 lists some power MOSFETs that can be
used with the LTC4211.
For reliable circuit operation, the maximum junction
temperature (TJ(MAX)) for a power MOSFET should not
exceed the manufacturer’s recommended value. This
includes normal mode operation, start-up, current-limit
and autoretry mode in a fault condition. Under normal
conditions the junction temperature of a power MOSFET
is given by Equation 13:
MOSFET Junction Temperature,
TJ(MAX) ≤ TA(MAX) + θJA • PD
(13)
where
PD = (ILOAD)2 • RDS(ON)
θJA = junction-to-ambient thermal resistance
TA(MAX) = maximum ambient temperature
If a short circuit happens during start-up, the external
MOSFET can experience a big single pulse energy. This
is especially true if the applications only employ a small
gate capacitor or no gate capacitor at all. Consult the safe
operating area (SOA) curve of the selected MOSFET to
ensure that the TJ(MAX) is not exceeded during start-up.
USING STAGGERED PIN CONNECTORS
The LTC4211 can be used on either a printed circuit board
or on the backplane side of the connector, and examples
for both are shown in Figures 13 and 14. Printed circuit
board edge connectors with staggered pins are recom-
mended as the insertion and removal of circuit boards do
sequence the pin connections. Supply voltage and ground
connections on the printed circuit board should be wired
to the edge connector’s long pins or blades. Control and
status signals (like RESET, FAULT and ON) passing through
the card’s edge connector should be wired to short length
pins or blades.
PCB CONNECTION SENSE
There are a number of ways to use the LTC4211’s ON pin
to detect whether the printed circuit board has been fully
seated in the backplane before the LTC4211 commences
a start-up cycle.
The first example is shown in the schematic on the front
page of this data sheet. In this case, the LTC4211 is
mounted on the PCB and a 20k/10k resistive divider is
connected to the ON pin. On the edge connector, R1 is
wired to a short pin. Until the connectors are fully mated,
the ON pin is held low, keeping the LTC4211 in an OFF
state. Once the connectors are mated, the resistive divider
is connected to VCC, VON > 1.316V and the LTC4211 begins
a start-up cycle.
In Figure 13, an LTC4211 is illustrated in a basic configura-
tion on a PCB daughter card. The ON pin is connected to
VCC on the backplane through a 10k pull-up resistor once
the card is seated into the backplane. R2 bleeds off any
potential static charge which might exist on the backplane,
the connector or during card installation.
A third example is shown in Figure 14 where the LTC4211
is mounted on the backplane. In this example, a 2N2222
transistor and a pair of resistors (R4, R5) form the PCB
connection sense circuit. With the card out of the chassis,
Q2’s base is biased to VCC through R5, biasing Q2 ON
and driving the LTC4211’s ON pin low. The base of Q2 is
also wired to a socket on the backplane connector. When
a card is firmly seated into the backplane, the base of Q2
is then grounded through a short pin connection on the
card. Q2 is biased OFF, the LTC4211’s ON pin is pulled-up
to VCC and a start-up cycle begins.
In the previous three examples, the connection sense was
hard wired with no processor (low) interrupt capability.
As illustrated in Figure 15, the addition of an inexpensive
logic-level discrete MOSFET and a couple of resistors offers
processor interrupt control to the connection sense. R4
keeps the gate of M2 at VCC until the card is firmly mated
to the backplane. A logic low for the ON/OFF signal turns
M2 OFF, allows the ON pin to pull high and turns on the
LTC4211.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com