Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 28Page - Linear Technology LTC1421 Datasheet HTML 29Page - Linear Technology LTC1421 Datasheet HTML 30Page - Linear Technology LTC1421 Datasheet HTML 31Page - Linear Technology LTC1421 Datasheet HTML 32Page - Linear Technology LTC1421 Datasheet HTML 33Page - Linear Technology LTC1421 Datasheet HTML 34Page - Linear Technology LTC1421 Datasheet HTML 35Page - Linear Technology LTC1421 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC4211
32
4211fb
APPLICATIONS INFORMATION
1
VCC
ON
TIMER
GATE
RESET
FILTER
>VREF – 80mV
FAULT
VOUT
GATE
VOUT
23
5
6
7
2A
4
8
A B C
SLOW COMPARATOR ARMED
IF OVERVOLTAGE GOES
AWAY, SECOND CYCLE
CONTINUES
OVERVOLTAGE
IF ANY FAULT HAPPENS
AFTER THIS POINT, THE
CIRCUIT BREAKER TRIPS
AND
FAULT LATCHES LOW
OVERVOLTAGE CIRCUIT BREAKER
TRIPS, GATE PULLS DOWN AND
FAULT LATCHES LOW
FAULT IS PULLED LOW (BUT NOT LATCHED)
DUE TO A START-UP OVERVOLTAGE PROBLEM
POWER GOOD
VFB > VREF
POWER BAD
VFB < VREF
FPD
4211 F24
>VREF
FAULT
LATCHED LOW
Low Side (Output) Overvoltage Protection
A Zener diode can be used in a similar fashion to detect/
protect the system against a supply overvoltage condition
on the load (or low) side of the pass transistor. In this
case, the Zener diode is connected from the load to the
LTC4211’s FILTER pin, as shown in Figure 25. An additional
diode, D1, prevents the FILTER pin from pulling low during
an output short-circuit. Figure 26 illustrates the timing
diagram for a low side output overvoltage condition. In
this example, VCC starts up in an overvoltage condition
but the LTC4211 can only sense the overvoltage supply
condition at Time Point 6 when the GATE pin has ramped
up. At Time Point 6, VFILTER is greater than 1.236V, the
circuit breaker is tripped, the GATE pin voltage is pulled
to ground and FAULT is asserted low and latched.
Figure 24. High Side Overvoltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com