Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 27Page - Linear Technology LTC1421 Datasheet HTML 28Page - Linear Technology LTC1421 Datasheet HTML 29Page - Linear Technology LTC1421 Datasheet HTML 30Page - Linear Technology LTC1421 Datasheet HTML 31Page - Linear Technology LTC1421 Datasheet HTML 32Page - Linear Technology LTC1421 Datasheet HTML 33Page - Linear Technology LTC1421 Datasheet HTML 34Page - Linear Technology LTC1421 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC4211
31
4211fb
APPLICATIONS INFORMATION
1
2
3
4
5
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
RESET
ON
FILTER
TIMER
GND
LTC4211
Z1 = 1SMA10A OR SMAJ10A
Z2 = 1N4691
* OPTIONAL
Q1
Si4410DY
R1
36k
VOUT
5V
5A
R2
15k
CLOAD
4211 F23
RSENSE
0.007Ω
+
CTIMER
10nF
CFILTER
47pF
Z2
6.2V
LONG
5V
GND
FAULT
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT
SHORT
SHORT
RESET
ON/OFF
R3
10Ω
Z1*
C1
0.1μF
R5
10k
R6
10k
R7
10k
R4
10k
SUPPLY OVERVOLTAGE DETECTION/
PROTECTION USING FILTER PIN
In addition to using external protection devices around the
LTC4211 for large scale transient protection, low power
Zener diodes can be used with the LTC4211’s FILTER
pin to act as a supply overvoltage detection/protection
circuit on either the high side (input) or low side (output)
of the external pass transistor. Recall that internal control
circuitry keeps the LTC4211 GATE voltage from ramping
up if VFILTER > 1.156V, or when an external fault condition
(VFILTER > 1.236V) causes FAULT to be asserted low.
High Side (Input) Overvoltage Protection
As shown in Figure 23, a low power Zener diode can
be used to sense an overvoltage condition on the input
(high) side of the main 5V supply. In this example, a low
bias current 1N4691 Zener diode is chosen to protect the
system. Here, the Zener diode is connected from VCC to
the LTC4211’s FILTER pin (Pin 3 MS). If the input volt-
age to the system is greater than 6.8V during start-up,
the voltage on the FILTER pin is pulled higher than its
1.156V threshold. As a result, the GATE pin is not allowed
to ramp and the second timing cycle will not commence
until the supply overvoltage condition is removed. Should
the supply overvoltage condition occur during normal
operation, internal control logic would trip the electronic
circuit breaker and the GATE would be pulled to ground,
shutting OFF the external pass transistor. If a lower supply
overvoltage threshold is desired, use a Zener diode with
a smaller breakdown voltage.
A timing diagram for illustrating LTC4211 operation under a
high side overvoltage condition is shown in Figure 24. The
start-up sequence in this case (between Time Points 1 and
2) is identical to any other start-up sequence under normal
operating conditions. At Time Point 2A, the input supply
voltage causes the Zener diode to conduct thereby forcing
VFILTER > 1.156V. At Time Point 3, FAULT is asserted low
and the TIMER pin voltage ramps down. At Time Point 4,
the LTC4211 checks if VFILTER < 1.156V. FAULT is asserted
low (but not latched) to indicate a start-up failure. The
start-up sequence only resumes with the second timing
cycle at Time Point 5 when the input overvoltage condition
is removed. At this point in time, the GATE pin voltage is
allowed to ramp up, FAULT is pulled to logic high and the
circuit breaker is armed. At any time after Time Point 5,
should a supply overvoltage condition develop (VFILTER >
1.236V), the electronic circuit breaker will trip, the GATE
will be pulled low to turn off the external MOSFET and
FAULT will be asserted low and latched. This sequence is
shown in detail at Time Point B.
Figure 23. LTC4211MS High Side Overvoltage Protection Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com