Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 17Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 18Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 19Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 20Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 21Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 22Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 23Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 24Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MKG-16487 Ver. 5.0
21
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Pin Assignments and Descriptions
Table 5-2
AR4100 Pin Assignments and Descriptions
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin Number
Pin Name
A1
GND
D16
NC
R4
NC
A2
AVDD18
D17
NC
R5
NC
A3
AVDD18
E1
SPI_CS
R6
NC
A4
VDDIO
E2
NC
R7
HMODE1
A5
SW_REG_OUT
E16
NC
R8
NC
A6
VDD33
E17
GND
R9
TDI
A7
VBAT_42
F1
NC
R10
NC
A8
PAREG_33_OUT
F2
NC
R11
NC
A9
PAREG_BASE
F16
NC
R12
NC
A10
DVDD12
F17
NC
R13
NC
A11
GND
G1
SPI_INT
R14
NC
A12
NC
G16
NC
R15
NC
A13
NC
G17
NC
R16
NC
A14
NC
H1
SPI_MISO
R17
GND
A15
NC
H16
NC
T1
NC
A16
NC
H17
NC
T2
NC
A17
NC
J1
SPI_CLK
T3
GND
B1
AVDD12
J16
NC
T4
WIFI_RF
B2
NC
J17
NC
T5
GND
B3
NC
K1
GND
T6
DEBUG_UART_TXD
B4
NC
K16
NC
T7
HMODE0
B5
SW_REG_OUT
K17
NC
T8
TMS
B6
VDD33
L1
NC
T9
TCK
B7
VBAT_42
L16
NC
T10
DEBUG_UART_RXD
B8
PAREG_33_OUT
L17
NC
T11
CHIP_PWD_L
B9
NC
M1
NC
T12
GND
B10
NC
M2
SPIM_CS_N
T13
NC
B11
NC
M16
NC
T14
GND
B12
NC
M17
NC
T15
NC
B13
NC
N1
NC
T16
GND
B14
NC
N2
SPIM_MISO
T17
NC
B15
NC
N16
NC
F6, F7, F8, F9, F10,
F11, G6, G7, G8, G9,
G10, G11, H6, H7, H8,
H9, H10, H11, J6, J7,
J8, J9, J10, J11, K6,
K7, K8, K9, K10, K11,
L6, L7, L8, L9, L10,
L11
E-GND 1...36
(Note that these pins
are not aligned to the
outer pins. See
“Package Dimensions”
on page 25.)
B16
NC
N17
NC
B17
NC
P1
NC
C1
HOST_POWER
P2
SPIM_CLK
C2
NC
P16
NC
C16
NC
P17
NC
C17
NC
R1
NC
D1
SP_MOSI
R2
SPIM_MOSI
D2
NC
R3
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com