Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 15Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 16Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 17Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 18Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 19Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
MKG-16487 Ver. 5.0
16
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Electrical Characteristics
Figure 4-1 and Figure 4-2 show the recommended power up/down and reset sequences for the
AR4100 using external 3.3 V and 1.8 V supplies.
Where:
VBAT = VBATTERY_42
I/O = VDDIO, HOST_POWER
Figure 4-1
Power Up/Power Down Timing
Figure 4-2
Reset and Power Cycle Timing
Table 4-5
Reset and Power Cycle Timing
Variable
Description
Min (
μsec) Max (μsec)
Ta
Time between VBAT, VDD33 and I/O supplies becoming valid and 1.8 V
supply becoming valid1
0—
Tb
Time between the 1.8 V becoming valid and the CHIP_PWD_L deassertion
0
500
Tc
Time between the CHIP_PWD_L assertion and the 1.8 VG supply becoming
invalid
0—
Td
Time between the 1.8 V supply becoming invalid and VBAT, VDD33 and I/O
supplies becoming invalid
N/A2
—
Te
Length of the CHIP_PWDP_L pulse
5
—
1.
“Supply becoming valid” denotes that the voltage level has reached 90%
2.
No strict requirements. This parameter can also be negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com