Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 4Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 5Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 10Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MKG-16487 Ver. 5.0
8
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Features Summary
2.4 Manufacturing Calibration
The AR4100 uses internal self-calibration and BIST (built-in self test) circuits to maintain optimal
performance over temperature, time and process variation. The AR4100 is delivered fully tested
and does not require any customer manufacturing line calibration.
2.5 Internal One-Time Programmable Memory
The AR4100 includes internal one-time programmable memory which is used to store the device
MAC address. This OTP memory must be programmed during the customer manufacturing flow
with a MAC address. Tools and application notes are provided to enable customers to integrate this
into their manufacturing flow.
2.6 Reference Frequency
The AR4100 incorporates an integrated 26 MHz crystal.
2.7 Internal Sleep Clock
The AR4100 incorporates integrated on-chip low power sleep clocks to regulate internal timing,
eliminating the need for any external 32 KHz real time clocks or crystal oscillators.
2.8 Interfaces
The AR4100 supports a variety of interfaces for supporting host interface options, and external
memory interface options.
2.8.1
Standard Host Interface
The AR4100 supports a generic SPI (GSPI) slave port when interfacing to a host MCU.
2.8.2
Firmware Loading and Other Interfaces
GSPI master for interfacing to an external NVMEM for firmware load into the AR4100 upon
powerup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com