Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 15Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 16Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 17Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 18Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 19Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 20Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 21Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
MKG-16487 Ver. 5.0
18
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Electrical Characteristics
4.5.1
Current Consumption for Continuous Receive
Table 4-9 shows the current consumption for continuous Rx.
4.5.2
Current Consumption for Continuous Transmit
Table 4-10 shows the current consumption for continuous Tx.
4.5.3
Measurement Conditions for Current Consumption Parameters
Tambient = 25 °C
All I/O pins except for CHIP_PWD_L are maintained at their default polarities (I/Os without
default internal pulls are pulled low)
Table 4-9
Current Consumption for Continuous Rx
Mode/Rate [Mbps]
Typical Current Consumption (mA)
1.8 V1
3.3 V2
I/O3
CCK, 1 Mbps
81
0
5
CCK, 11 Mbps
82
0
5
OFDM, 6 Mbps
83
0
5
OFDM, 54 Mbps
85
0
5
HT20, MCS0
84
0
5
HT20, MCS7
86
0
5
1. AVDD18
2. PAREG_BASE, VBAT_42, VDD33
3. VDDIO
Table 4-10
Current Consumption for Continuous Tx
Mode/Rate [Mbps]
Target Output Power
(dBm)
Typical Current Consumption [mA]
1.8 V1
3.3 V2
I/O3
CCK, 1 Mbps
17
59
231
5
CCK, 11 Mbps
17
59
228
5
OFDM, 6 Mbps
17
66
204
5
OFDM, 54 Mbps
17
64
151
5
1. AVDD18
2. PAREG_BASE, VBAT_42, VDD33
3. VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com