Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  AR4100 Datasheet HTML 1Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 2Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 3Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 4Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 5Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MKG-16487 Ver. 5.0
5
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
1
Introduction
1.1 General Description
The AR4100 is a small form-factor, single stream, 802.11 b/g/n WiFi System-in-Package (SIP)
solution. The AR4100 has been developed to support applications hosted by low-resource
microcontrollers that send infrequent data packets over the network. Typically, these 802.11
applications will place a higher priority on system cost, power consumption, ease of use, and fast
wake-up times as compared to high throughput. The AR4100 integrates all WiFi functionality into
a low-profile, 8.3 mm x 9.2 mm LGA package that can be easily mounted via low-cost PCB
manufacturing flows. The device requires only a few external bypass capacitors and a connection
to an antenna for a board level design. As an added cost reduction and convenience, the SIP
module is pre-certified with the FCC and other major regulatory bodies.
The AR4100 employs the world's lowest power consumption embedded architecture. It has been
optimized for client applications in the home and enterprise that have lower data rates, and
transmit or receive data on an infrequent basis. The AR4100 features standby current consumption
as low as 5
μA. Additional optimizations, including a reduced host driver footprint, allow easy
integration with low-cost microcontrollers.
The AR4100 also includes Qualcomm Atheros’ industry leading high-efficiency, high-output
EPA™ power amplifier with zero calibration and integrated LNAs. RF matching circuits, a
reference crystal, and a T/R switch are also integrated, eliminating the need for an external RF
components and thus enabling direct antenna connection. The end result is a device that is the best-
in-class for ease of system design.
At the heart of the AR4100 is an ultra low-power radio architecture and proprietary power save
technologies. An on-chip embedded CPU handles complete 802.11 b/g/n processing to minimize
host processor loading.
The AR4100 also supports a modular certification capability with the FCC and other regulatory
agencies. The modular approval requires that you follow the Qualcomm Atheros guidelines in a
copy exactly methodology and that the design is reviewed to ensure it meets the design guidelines.
The review process is managed by a third party firm. More details can be found in the FCC
Modular SiP Approval for AR4100(P) application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com