Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 10Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 15Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 16Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 17Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
MKG-16487 Ver. 5.0
14
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
4
Electrical Characteristics
4.1 Absolute Maximum Ratings
Table 4-1 summarizes the absolute maximum ratings and Table 4-2 lists the recommended
operating conditions for the AR4100. Absolute maximum ratings are those values beyond which
damage to the device can occur.
Functional operation under these conditions, or at any other condition beyond those indicated in
the operational sections of this document, is not recommended.
NOTE
Maximum rating for signals follows the supply domain of the signals.
4.2 Recommended Operating Conditions
Table 4-1
Absolute Maximum Ratings
Symbol (Domain)
Parameter
Max Rating
Unit
AVDD18
Analog 1.8 V Supply
–0.3 to 2.5
V
HOST_POWER
Host Interface I/O Supply
–0.3 to 4.0
V
VDD33
Antenna and PA 3.3 V Supply
–0.3 to 4.0
V
PAREG_BASE
External 3.3 V Supply
–0.3 to 4.0
V
VBAT_42
External 3.3 V Supply
–0.3 to 4.8
V
RFin
Maximum RF Input (Reference to 50-
Ω input) +12 (Including Switch and Balun Loss)
dBm
Tstore
Storage Temperature
–45 to 135
°C
ESD
Electrostatic Discharge Tolerance
2000
V
Table 4-2
Recommended Operating Conditions
Symbol (Domain)
Parameter
Min
Typ
Max
Unit
AVDD18
Analog 1.8 V Supply
1.71
1.8
1.89
V
HOST_POWER
Host interface I/O Supply
1.71
—
3.46
V
VDD33_PA
Antenna and PA 3.3 V Supply
3.14
—
3.46
V
PAREG_BASE
External 3.3 V Supply
3.14
3.3
3.46
V
VBAT_42
External 3.3 V Supply
3.14
3.7
4.2
V
Tambient
Ambient Temperature
–30
—
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com