Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 5Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 10Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MKG-16487 Ver. 5.0
9
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Features Summary
2.9 802.11n
The AR4100 incorporates the latest generation of 802.11n technology from Qualcomm Atheros.
The AR4100 is 802.11n compliant and features frame aggregation, reduced inter-frame spacing
(RIFS) and half guard intervals for improved throughput and space time block codes (STBC) on
downlink receptions and Low Density Parity Check (LDPC) codes on uplink transmissions for
improved robustness over range. Table 2-1 shows 802.11n (PHY layer) throughput at different
modulations.
The AR4100 features hardware-based AES, AES-CCMP, and TKIP engines for faster data
encryption, and supports industry leading security features including WPS 2.0, along with
standard WEP/WPA/WPA2 for personal environments.
2.10 Host Offloading (WiFi)
The AR4100 integrates extensive hardware signal processing and an embedded on-chip CPU to
offload complete 11n MAC/BB/PHY processing to minimize host processor loading.
The AR4100 offloads the complete 802.11 b/g/n baseband and MAC functions as a standard
feature, including:
Link maintenance
802.11 frame transmission sequence to initiate the connection with an AP
Background scanning, including transmission of probe requests
Signal quality detection and automated maintenance of current AP list
Roaming to a new AP
Rate adaptation, including automatic retry
Encapsulation of 802.3 frames from the host to 802.11 frames
Decapsulation of the 802.11 frames to 802.3 frames
Encryption & decryption (hardware ciphers) for WEP/TKIP/AES-CCMP
IEEE PowerSave; periodic wakeup while in sleep mode to check for buffered traffic
Security negotiation
WiFi Protected Setup (WPS) 2.0
Table 2-1
802.11n (PHY layer) Throughput at Different Modulations
MCS
Modulation
Data Rate (Mbps)
20 MHz Bandwidth
Full Guard Interval
Half Guard Interval
0
BPSK
6.5
7.2
1
QPSK
13.0
14.4
2
QPSK
19.5
21.7
3
16-QAM
26.0
29.9
4
16-QAM
39.0
43.3
5
64-QAM
52.0
57.8
6
64-QAM
58.5
65.0
7
64-QAM
65.0
72.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com