Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 3Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 4Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 5Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 10Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MKG-16487 Ver. 5.0
7
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
2
Features Summary
2.1 Overview
The AR4100 is an IEEE 802.11 (b, g, n) System in Package (SiP) based on cutting edge
technology. The AR4100 includes full digital MAC and baseband engines handling all 802.11b
(CCK) and 802.11g/n (OFDM). An embedded low-power CPU core minimizes host loading to
provide an easy to implement solution.
The AR4100 is architected for ultra-low power consumption, with near-zero power consumption
in power down modes with fast wakeup.
2.2 Radio Front End
The AR4100 features a high-power high-efficiency on-chip power amplifier that features:
Qualcomm Atheros proprietary EPA™ linearization technology for WiFi.
Highly integrated LNAs.
Integrated Balun for Tx and Rx paths
Integrated receive and transmit RF matching and switching to enable direct antenna
connection with high performance, low power consumption, and near-zero RBOM for lowest
solution cost.
2.3 Power Management
The AR4100 requires both 3.3 V and 1.8 V supplies from the system. The AR4100 3.3 V inputs
support operating voltage from 4.2 V down to 3.1 V and is tolerant of momentary overvoltage up
to 5.5 V. An on-chip switching regulator supports PWM mode and burst mode to optimize power
efficiency under both peak operation and low load conditions.
The AR4100 power management engine uses advanced power save techniques such as: gating
clocks to idle or inactive blocks, voltage scaling to specific blocks in certain states, fast start and
settling circuits to reduce Tx and active duty cycles, CPU frequency scaling, and other techniques
to optimize power consumption across all operation states.
For applications with a small Tx duty cycle, the AR4100 has the ability to quickly wake up and
burst data out at a high rate and go back into standby mode, thus taking advantage of the 5
μA of
power consumption in standby mode.
Additionally, Qualcomm Atheros can provide system level design recommendations to take
AR4100 standby current to essentially zero with the use of a high impedance FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com