Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR4100 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 15Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 16Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 17Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 18Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
MKG-16487 Ver. 5.0
15
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Electrical Characteristics
4.3 DC Electrical Characteristics
Table 4-3 and Table 4-4 list the general DC electrical characteristics over recommended operating
conditions (unless otherwise specified).
Table 4-3
General DC Electrical Characteristics (For 3.3 V I/O Operation)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High Level Input Voltage
—
0.7 x Vdd
——
V
VIL
Low Level Input Voltage
—
—
—
0.3 x Vdd
V
IIL
Input Leakage
Current
Without Pull-Up
or Pull-Down
0 V < Vin < Vdd
0 V < Vout < Vdd
0
—
–3
nA
With Pull-Up
0 V < Vin < Vdd
0 V < Vout < Vdd
16
—
48
μA
With Pull-Down
0 V < Vin < Vdd
0 V < Vout < Vdd
–14
—
–47
μA
VOH
High Level Output Voltage
Ioh = –4 mA
0.9 x Vdd
——
V
Ioh = –12 mA
0.9 x Vdd
——
V
VOL
Low Level Output Voltage
Ioh = 4 mA
—
—
0.1 x Vdd
V
Ioh = 12 mA
—
—
0.1 x Vdd
V
Table 4-4
General DC Electrical Characteristics (For 1.8 V I/O Operation)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High Level Input Voltage
—
0.7 x Vdd
——
V
VIL
Low Level Input Voltage
—
—
—
0.3 x Vdd
V
IIL
Input Leakage
Current
Without Pull-Up
or Pull-Down
0 V < Vin < Vdd
0 V < Vout < Vdd
0
—
–3
nA
With Pull-Up
0 V < Vin < Vdd
0 V < Vout < Vdd
3.5
—
13
μA
With Pull-Down
0 V < Vin < Vdd
0 V < Vout < Vdd
–6.2
—
–23
μA
VOH
High Level Output Voltage
Ioh = –4 mA
0.9 x Vdd
——
V
Ioh = –12 mA
0.9 x Vdd
——
V
VOL
Low Level Output Voltage
Ioh = 4 mA
—
—
0.1 x Vdd
V
Ioh = 12 mA
—
—
0.1 x Vdd
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com