Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 32 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 28Page - Texas Instruments THS6204IPWPR Datasheet HTML 29Page - Texas Instruments THS6204IPWPR Datasheet HTML 30Page - Texas Instruments THS6204IPWPR Datasheet HTML 31Page - Texas Instruments THS6204IPWPR Datasheet HTML 32Page - Texas Instruments THS6204IPWPR Datasheet HTML 33Page - Texas Instruments THS6204IPWPR Datasheet HTML 34Page - Texas Instruments THS6204IPWPR Datasheet HTML 35Page - Texas Instruments THS6204IPWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
c) Careful selection and placement of external
distortion (see the distortion versus load plots). With a
components
preserve
the
high-frequency
characteristic board trace impedance defined based
performance of the THS6204. Resistors should be a
on board material and trace dimensions, a matching
very low reactance type. Surface-mount resistors
series resistor into the trace from the output of the
work best and allow a tighter overall layout. Metal film
THS6204 is used, as well as a terminating shunt
and carbon composition axially leaded resistors can
resistor at the input of the destination device.
also provide good high-frequency performance.
Remember also that the terminating impedance is the
parallel combination of the shunt resistor and the
Again, keep leads and PCB trace length as short as
input impedance of the destination device.
possible. Never use wire-wound type resistors in a
high-frequency application. Although the output pin
This total effective impedance should be set to match
and inverting input pin are the most sensitive to
the trace impedance. The high output voltage and
parasitic capacitance, always position the feedback
current capability of the THS6204 allows multiple
and series output resistor, if any, as close as possible
destination devices to be handled as separate
to the output pin. Other network components, such as
transmission lines, each with their own series and
noninverting input termination resistors, should also
shunt terminations. If the 6dB attenuation of a
be placed close to the package. Where double-side
doubly-terminated transmission line is unacceptable,
component mounting is allowed, place the feedback
a long trace can be series-terminated at the source
resistor directly under the package on the other side
end only.
of the board between the output and inverting input
Treat the trace as a capacitive load in this case and
pins. The frequency response is primarily determined
set the series resistor value as shown in the plot of
by
the
feedback
resistor
value
as
described
RS vs Capacitive Load (Figure 6, Figure 24, and
previously.
Increasing
the
value
reduces
the
Figure 36). However, this does not preserve signal
bandwidth, whereas decreasing it gives a more
integrity as well as a doubly-terminated line. If the
peaked frequency response. The 1.24k
Ω feedback
input impedance of the destination device is low,
resistor used in the Typical Characteristics at a gain
there is some signal attenuation due to the voltage
of +10V/V on ±12V supplies is a good starting point
divider
formed
by
the
series
output
into
the
for design. Note that a 1.5k
Ω feedback resistor,
terminating impedance.
rather than a direct short, is recommended for the
unity-gain follower application. A current-feedback op
e) Socketing a high-speed part like the THS6204
amp requires a feedback resistor even in the
is not recommended. The additional lead length and
unity-gain follower configuration to control stability.
pin-to-pin capacitance introduced by the socket can
create an extremely troublesome parasitic network,
d) Connections to other wideband devices on the
which can make it almost impossible to achieve a
board may be made with short direct traces or
smooth, stable frequency response. Best results are
through
onboard
transmission
lines.
For
short
obtained by soldering the THS6204 directly onto the
connections, consider the trace and the input to the
board.
next device as a lumped capacitive load. Relatively
wide traces (50mils to 100mils) should be used,
f) Use the –VS plane to conduct heat out of the
preferably with ground and power planes opened up
QFN-24 and TSSOP-24 PowerPAD packages. These
around them. Estimate the total capacitive load and
packages attach the die directly to an exposed
set RS from the plot of Recommended RS vs
thermal pad on the bottom, which should be soldered
Capacitive Load (Figure 6, Figure 24, and Figure 36).
to the board. This pad must be connected electrically
Low parasitic capacitive loads (< 5pF) may not need
to the same voltage plane as the most negative
an
RS
because
the
THS6204
is
nominally
supply applied to the THS6204 (in Figure 82, this
compensated to operate with a 2pF parasitic load. If a
would be –12V).
long trace is required, and the 6dB signal loss
intrinsic to a doubly-terminated transmission line is
acceptable,
implement
a
matched
impedance
transmission
line
using
microstrip
or
stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques). A 50
Ω
environment is normally not necessary on board; in
fact, a higher impedance environment improves
32
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com