Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  THS6204IPWPR Datasheet HTML 1Page - Texas Instruments THS6204IPWPR Datasheet HTML 2Page - Texas Instruments THS6204IPWPR Datasheet HTML 3Page - Texas Instruments THS6204IPWPR Datasheet HTML 4Page - Texas Instruments THS6204IPWPR Datasheet HTML 5Page - Texas Instruments THS6204IPWPR Datasheet HTML 6Page - Texas Instruments THS6204IPWPR Datasheet HTML 7Page - Texas Instruments THS6204IPWPR Datasheet HTML 8Page - Texas Instruments THS6204IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
®
THS6204
THS6204 ®
1
FEATURES
DESCRIPTION
APPLICATIONS
9.1W
2kW
2.74kW
2kW
2.74kW
1.33kW
9.1W
100W
CODEC
V
IN+
CODEC
V
IN-
-12V
+12V
+20.5dBm
LinePower
1:1.1
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
Dual-Port, Differential VDSL2 Line Driver Amplifiers
23
• Low Power Consumption:
The
THS6204
is
a
dual-port,
current-feedback
architecture, differential line driver amplifier system
–
21mA/Port Full Bias Mode
ideal for xDSL systems. The device is targeted for
–
16.2mA/Port Mid Bias Mode
use in VDSL2 (very-high-bit-rate digital subscriber
–
11.2mA/Port Low Bias Mode
line 2) line driver systems that enable greater than
–
Low-Power Shutdown Mode
+20.5dBm line power up to 8.5MHz with good
linearity supporting the G.993.2 VDSL2 8b profile. It
–
IADJ Pin for Variable Bias
is
also
fast
enough
to
support
central-office
• Low Noise:
transmission
of
+14.5dBm
line
power
up
to
–
2.5nV/
√Hz Voltage Noise
18.1MHz—Profile 30a.
–
17pA/
√Hz Inverting Current Noise
The unique architecture of the THS6204 allows
–
1.2pA/
√Hz Noninverting Current Noise
quiescent current to be minimal while still achieving
very high linearity. Differential distortion, under full
• Low MTPR Distortion:
bias conditions, is –89dBc at 1MHz and reduces to
–
70dB with +20.5dBm G.993.2—Profile 8b
only –73dBc at 10MHz. Fixed multiple bias settings of
• –89dBc HD3 (1MHz, 100Ω Differential)
the amplifiers allows for enhanced power savings for
line lengths where the full performance of the
• High Output Current: > 424mA (25Ω Load)
amplifier is not required. To allow for even more
• Wide Output Swing: 43.2V
PP (±12V, 100Ω
flexibility and power savings, an IADJ pin is available
Differential)
to further lower the bias currents.
• Wide Bandwidth: 150MHz (Gain = 10V/V)
The
wide
output
swing
of
43.2VPP
(100
Ω
• Port-To-Port Separation of 90dB at 1MHz
differentially) with ±12V power supplies, coupled with
over 425mA current drive (25
Ω), allows for wide
• PSRR of 50dB at 1MHz for Good Isolation
dynamic headroom, keeping distortion minimal.
• Wide Power-Supply Range: 10V to 28V
The THS6204 is available in a QFN-24 or a
TSSOP-24 PowerPAD™ package.
• Ideal For VDSL2 Systems
• Backward-Compatible with
ADSL/ADSL2+/ADSL2++ Systems
Figure 1. Typical VDSL2 Line Driver Circuit
Utilizing One Port of the THS6204
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS6204IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6204IPWPR TI1-THS6204IPWPR Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204IPWPRG4 TI1-THS6204IPWPRG4 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
More results

Similar Description - THS6204IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
Dual-Port, Differential, VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
Dual Channel Differential VDSL2 Line Driver
June 21, 2013
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
Dual Channel Differential VDSL2 Line Driver
June 21, 2013
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com