Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 28 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 24Page - Texas Instruments THS6204IPWPR Datasheet HTML 25Page - Texas Instruments THS6204IPWPR Datasheet HTML 26Page - Texas Instruments THS6204IPWPR Datasheet HTML 27Page - Texas Instruments THS6204IPWPR Datasheet HTML 28Page - Texas Instruments THS6204IPWPR Datasheet HTML 29Page - Texas Instruments THS6204IPWPR Datasheet HTML 30Page - Texas Instruments THS6204IPWPR Datasheet HTML 31Page - Texas Instruments THS6204IPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
DISTORTION PERFORMANCE
DRIVING CAPACITIVE LOADS
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
series resistor may be included in the supply lines.
connections to multiple devices can easily cause this
Under heavy output loads this will reduce the
value to be exceeded. Always consider this effect
available output voltage swing. A 5
Ω series resistor in
carefully, and add the recommended series resistor
each power-supply lead will limit the internal power
as close as possible to the THS6204 output pin (see
dissipation to less than 1W for an output short circuit
the Board Layout Guidelines section).
while decreasing the available output voltage swing
only 0.5V for up to 100mA desired load currents.
Always place the 0.1
µF power-supply decoupling
The THS6204 provides good distortion performance
capacitors after these supply current limiting resistors
into a 100
Ω load on ±12V supplies. Relative to
directly on the supply pins.
alternative
solutions,
it
provides
exceptional
performance into lighter loads and/or operation on a
dual ±6V supply. Generally, until the fundamental
One of the most demanding and yet very common
signal reaches very high frequency or power levels,
load conditions for an op amp is capacitive loading.
the second harmonic dominates the distortion with a
Often, the capacitive load is the input of an
negligible third harmonic component. Focusing then
ADC—including additional external capacitance that
on
the
second
harmonic,
increasing
the
load
may be recommended to improve the ADC linearity.
impedance improves distortion directly. Remember
A high-speed, high open-loop gain amplifier such as
that the total load includes the feedback network—in
the THS6204 can be very susceptible to decreased
the noninverting configuration (see Figure 81), this is
stability and closed-loop response peaking when a
the sum of RF + RG, whereas in the inverting
capacitive load is placed directly on the output pin.
configuration
it
is
just
RF. Also, providing an
When the amplifier open-loop output resistance is
additional
supply
decoupling
capacitor
(0.01
µF)
considered,
this
capacitive
load
introduces
an
between the supply pins (for bipolar operation)
additional pole in the signal path that can decrease
improves the second-order distortion slightly (3dB to
the phase margin. Several external solutions to this
6dB).
problem have been suggested.
In most op amps, increasing the output voltage swing
When the primary considerations are frequency
increases harmonic distortion directly. The Typical
response flatness, pulse response fidelity, and/or
Characteristics show the second harmonic increasing
distortion, the simplest and most effective solution is
at a little less than the expected 2x rate whereas the
to isolate the capacitive load from the feedback loop
third harmonic increases at a little less than the
by inserting a series isolation resistor between the
expected 3x rate. Where the test power doubles, the
amplifier output and the capacitive load. This does
difference between it and the second harmonic
not eliminate the pole from the loop response, but
decreases less than the expected 6dB, whereas the
rather shifts it and adds a zero at a higher frequency.
difference
between
it
and
the
third
harmonic
The additional zero acts to cancel the phase lag from
decreases by less than the expected 12dB. This also
the capacitive load pole, thus increasing the phase
shows up in the two-tone, third-order intermodulation
margin
and
improving
stability.
The
Typical
spurious (IM3) response curves. The third-order
Characteristics
show
the
recommended
RS vs
spurious levels are extremely low at low-output power
Capacitive
Load
and
the
resulting
frequency
levels. The output stage continues to hold them low
response at the load. Parasitic capacitive loads
even as the fundamental power reaches very high
greater
than
2pF
can
begin
to
degrade
the
levels. As the Typical Characteristics show, the
performance of the THS6204. Long printed-circuit
spurious intermodulation powers do not increase as
board
(PCB)
traces,
unmatched
cables,
and
predicted by a traditional intercept model. As the
fundamental power level increases, the dynamic
range does not decrease significantly.
28
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com