Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 5 Page - Texas Instruments

  THS6204IPWPR Datasheet HTML 1Page - Texas Instruments THS6204IPWPR Datasheet HTML 2Page - Texas Instruments THS6204IPWPR Datasheet HTML 3Page - Texas Instruments THS6204IPWPR Datasheet HTML 4Page - Texas Instruments THS6204IPWPR Datasheet HTML 5Page - Texas Instruments THS6204IPWPR Datasheet HTML 6Page - Texas Instruments THS6204IPWPR Datasheet HTML 7Page - Texas Instruments THS6204IPWPR Datasheet HTML 8Page - Texas Instruments THS6204IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
ELECTRICAL CHARACTERISTICS: VS = ±12V (continued)
At TA = +25°C, RF = 1.24kΩ, RL = 100Ω differential, GDiff = 10V/V differential, GCM = 1V/V common-mode, and full bias, unless
otherwise noted. Each port is independently tested.
THS6204IRHF, IPWP
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
OUTPUT CHARACTERISTICS(4)
RL = 100Ω, each output, linear output
±10.9
V
Typ
C
Output voltage swing
RL = 50Ω, each output, linear output
±10.8
±10.6
±10.5
±10.4
V
Min
A
RL = 25Ω, each output, linear output
±10.4
±10.2
±10.1
±10.0
V
Min
A
Output current (sourcing, sinking)
RL = 25Ω, each output
±416
±408
±404
±400
mA
Min
A
Short-circuit output current
±1
A
Typ
C
Output impedance
f = 1MHz, differential
0.2
Ω
Typ
C
f = 1MHz,
Port 1 to
Crosstalk
–90
dB
Typ
C
VOUT = 2VPP
port 2
POWER SUPPLY
Operating voltage
±12
V
Typ
C
Maximum operating voltage
±14
±14
±14
V
Max
A
Minimum operating voltage
±5
±5
±5
V
Min
B
Per port, full bias
21
22.5
23.5
24
mA
Max
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
16.2
17.7
18.5
19
mA
Max
A
(Bias-1 = 1, Bias-2 = 0)
Maximum IS+ quiescent current
Per port, mid bias ; RADJ = 604Ω
12.6
14.1
15
15.5
mA
Max
A
Per port, low bias
11.2
12.7
13.4
13.9
mA
Max
A
(Bias-1 = 0, Bias-2 = 1)
Per port, bias off
0.5
0.8
0.9
1
mA
Max
A
(Bias-1 = 1, Bias-2 = 1)
Per port, full bias
21
19.5
18.5
17
mA
Min
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
Minimum IS+ quiescent current
16.2
14.7
13.7
13
mA
Min
A
(Bias-1 = 1, Bias-2 = 0)
Per port, low bias
11.2
9.7
9.1
7.6
mA
Min
A
(Bias-1 = 0, Bias-2 = 1)
Per port, full bias
20.5
21.5
22.5
23
mA
Max
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
15.7
16.7
17.4
17.8
mA
Max
A
(Bias-1 = 1, Bias-2 = 0)
Maximum IS– quiescent current
Per port, mid bias ; RADJ = 604Ω
12.1
13.1
14
14.5
mA
Max
A
Per port, low bias
10.7
11.7
12.1
12.4
mA
Max
A
(Bias-1 = 0,Bias-2 = 1)
Per port, bias off
0.1
0.3
0.6
0.8
mA
Max
A
(Bias-1 = 1, Bias-2 = 1)
Per port, full bias
20.5
19.5
18.5
17.5
mA
Min
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
Minimum IS– quiescent current
15.7
14.7
13.8
13.6
mA
Min
A
(Bias-1 = 1, Bias-2 = 0)
Per port, low bias
10.7
9.7
9.4
9.1
mA
Min
A
(Bias-1 = 0, Bias-2 = 1)
Current through GND pin
0.5
mA
Typ
C
Power-supply rejection ratio (+PSRR)
66
54
53
52
dB
Min
A
Power-supply rejection ratio (–PSRR)
65
52
51
50
dB
Min
A
(4)
Test circuit is shown in Figure 2.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com