Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 20 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 16Page - Texas Instruments THS6204IPWPR Datasheet HTML 17Page - Texas Instruments THS6204IPWPR Datasheet HTML 18Page - Texas Instruments THS6204IPWPR Datasheet HTML 19Page - Texas Instruments THS6204IPWPR Datasheet HTML 20Page - Texas Instruments THS6204IPWPR Datasheet HTML 21Page - Texas Instruments THS6204IPWPR Datasheet HTML 22Page - Texas Instruments THS6204IPWPR Datasheet HTML 23Page - Texas Instruments THS6204IPWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V, 75% Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
10
100
300
G
=1V/V
V
=2V
R =100
CM
O
PP
L
W
G
=5V
DIFF
/V
R =1.82k
F
W
G
=10V
DIFF
F
/V
R =1.5kW
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
0
280
240
200
40
160
120
80
G
=5V/V
G
=1V/V
R =100
DIFF
CM
L
W
V
=20V
O
PP
V
=2V
O
PP
V
=4V
O
PP
V
=8V
O
PP
260
220
180
140
100
60
20
6
4
2
0
2
4
6
-
-
-
Time(10ns/div)
Small-Signal 500mV
RightScale
±
P
1.2
0.8
4
0
4
8
1.2
0.
0.
0.
-
-
-
Large-SignalPulseResponse
( 5V )LeftScale
±
P
16
14
12
10
8
6
4
2
0
R
(k
)
W
ADJ
0
1
6
2
3
4
5
+I
Q
-IQ
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
17
14
11
8
5
2
Frequency(Hz)
10M
100M
200M
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6204
R
S
THS6204
R
S
C
L
1kW
Optional
V
IN
V
OUT
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
75% BIAS FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 57.
Figure 58.
DIFFERENTIAL SMALL-SIGNAL AND LARGE-SIGNAL
PULSE RESPONSE
SUPPLY CURRENT FOR FULL BIAS SETTING vs RADJ
Figure 59.
Figure 60.
DIFFERENTIAL RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 61.
Figure 62.
20
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com