Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 17Page - Texas Instruments THS6204IPWPR Datasheet HTML 18Page - Texas Instruments THS6204IPWPR Datasheet HTML 19Page - Texas Instruments THS6204IPWPR Datasheet HTML 20Page - Texas Instruments THS6204IPWPR Datasheet HTML 21Page - Texas Instruments THS6204IPWPR Datasheet HTML 22Page - Texas Instruments THS6204IPWPR Datasheet HTML 23Page - Texas Instruments THS6204IPWPR Datasheet HTML 24Page - Texas Instruments THS6204IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
40
50
60
70
80
90
100
110
-
-
-
-
-
-
-
-
Frequency(Hz)
100k
1M
30M
G
=5V/V
G
=1V/V
V
=
R =100
DIFF
CM
O
PP
L
2V
W
2ndHarmonic
3rdHarmonic
10M
60
70
80
90
100
110
-
-
-
-
-
-
OutputVoltage(V
)
PP
0
2
16
G
=5V/V
G
=1V/V
R =100
DIFF
CM
L
W
f=1MHz
14
12
10
8
6
4
2ndHarmonic
3rdHarmonic
88
90
92
94
96
98
100
-
-
-
-
-
-
-
SupplyVoltage( V )
± S
4
5
12
G
=5V/V
G
=1V/V
V
=2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
2ndHarmonic
3rdHarmonic
11
10
9
8
7
6
70
80
85
90
95
100
105
110
115
-
-
-
-
-
-
-
-
-
-
75
Resistance(
)
W
10
100
1k
G
=5V/V
G
=1V/V
V
=2V
DIFF
CM
O
PP
f=1MHz
2ndHarmonic
3rdHarmonic
85
90
95
100
105
-
-
-
-
-
Gain(V/V)
1
10
20
G
=5V/V
G
=1V/V
V
=2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
2ndHarmonic
3rdHarmonic
60
50
40
30
20
10
0
Frequency(MHz)
0
5
30
10
15
20
25
G
=10V/V
G
=1V/V
DIFF
CM
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: VS = ±6V, 75% Bias (continued)
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 63.
Figure 64.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 65.
Figure 66.
HARMONIC DISTORTION vs NONINVERTING GAIN
2-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
Figure 67.
Figure 68.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com