Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 33 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 29Page - Texas Instruments THS6204IPWPR Datasheet HTML 30Page - Texas Instruments THS6204IPWPR Datasheet HTML 31Page - Texas Instruments THS6204IPWPR Datasheet HTML 32Page - Texas Instruments THS6204IPWPR Datasheet HTML 33Page - Texas Instruments THS6204IPWPR Datasheet HTML 34Page - Texas Instruments THS6204IPWPR Datasheet HTML 35Page - Texas Instruments THS6204IPWPR Datasheet HTML 36Page - Texas Instruments THS6204IPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
INPUT AND ESD PROTECTION
External
Pin
+V
S
-VS
Internal
Circuitry
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
The THS6204 is built using a very high-speed
complementary bipolar process. The internal junction
breakdown voltages are relatively low for these very
small geometry devices and are reflected in the
absolute maximum ratings table. All device pins have
limited ESD protection using internal diodes to the
power supplies, as shown in Figure 90.
These diodes provide moderate protection to input
Figure 90. Internal ESD Protection
overdrive voltages above the supplies as well. The
protection
diodes
can
typically
support
30mA
continuous
current.
Where
higher
currents
are
possible (for example, in systems with ±15V supply
parts driving into the THS6204), current-limiting
series resistors should be added into the two inputs.
Keep these resistor values as low as possible, since
high values degrade both noise performance and
frequency response.
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (July 2008) to Revision C ..................................................................................................... Page
• Added TSSOP package operating junction temperature row to Absolute Maximum Ratings table...................................... 2
• Added TSSOP package operating junction temperature row to Recommended Operating Conditions table ...................... 3
• Changed footnote 2 of Pin Configurations............................................................................................................................. 3
• Updated Figure 13 ............................................................................................................................................................... 11
• Updated Figure 14 ............................................................................................................................................................... 12
• Updated Figure 18 ............................................................................................................................................................... 12
• Updated Figure 31 ............................................................................................................................................................... 14
• Updated Figure 43 ............................................................................................................................................................... 16
• Updated Figure 55 ............................................................................................................................................................... 18
• Updated Figure 68 ............................................................................................................................................................... 21
• Updated Figure 80 ............................................................................................................................................................... 23
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com