Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 3Page - Texas Instruments THS6204IPWPR Datasheet HTML 4Page - Texas Instruments THS6204IPWPR Datasheet HTML 5Page - Texas Instruments THS6204IPWPR Datasheet HTML 6Page - Texas Instruments THS6204IPWPR Datasheet HTML 7Page - Texas Instruments THS6204IPWPR Datasheet HTML 8Page - Texas Instruments THS6204IPWPR Datasheet HTML 9Page - Texas Instruments THS6204IPWPR Datasheet HTML 10Page - Texas Instruments THS6204IPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±6V
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
At TA = +25°C, RF = 1.5kΩ, RL = 100Ω differential, GDiff = 10V/V differential, GCM = 1V/V common-mode, and full bias, unless
otherwise noted. Each port is independently tested.
THS6204IRHF, IPWP
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
AC PERFORMANCE
G = 5V/V differential, RF = 1.82kΩ
140
MHz
Typ
C
Small-signal bandwidth,
–3dB (VO = 2VPP)
G = 10V/V differential, RF = 1.5kΩ
140
110
100
95
MHz
Min
B
0.1dB bandwidth flatness
G = 10V/V differential, RF = 1.5kΩ
12
MHz
Typ
C
Large-signal bandwidth
G = 10V/V differential, VO = 20VPP
140
MHz
Typ
C
G = 10V/V, VO = 20V step,
Slew rate (10% to 90% level)
1600
1200
1100
1000
V/
µs
Min
B
differential
Rise and fall time
G = +5V/V, VO = 2VPP, differential
5
ns
Typ
C
Harmonic distortion
Full bias
–98
–92
–89
–87
dBc
Min
B
2nd harmonic
G = 10V/V,
Low bias
–93
dBc
Typ
C
VO = 2VPP,
f = 1MHz,
Full bias
–93
–84
–81
–79
dBc
Min
B
RL = 100Ω differential
3rd harmonic
Low bias
–89
dBc
Typ
C
Full bias
–80
–75
–70
–68
dBc
Min
B
2nd harmonic
G = 10V/V,
Low bias
–74
dBc
Typ
C
VO = 2VPP,
f = 10MHz,
Full bias
–66
–60
–58
–54
dBc
Min
B
RL = 100Ω differential
3rd harmonic
Low bias
–55
dBc
Typ
C
VDSL2 8b profile +20.5dBm
–70
dBc
Typ
C
Multi-tone power ratio (MTPR)
VDSL2 17a profile +14.5dBm;
G
≈ 11, active termination, SF ≈ 4.
–65
dBc
Typ
C
power supply = ±7.5V
Differential input voltage noise
f = 1MHz
2.5
3.0
3.2
3.3
nV/
√Hz
Max
B
Differential inverting current noise
f = 1MHz
17
20
22
24
pA/
√Hz
Max
B
Differential noninverting current noise
f = 1MHz
1.2
1.4
1.5
1.6
pA/
√Hz
Max
B
DC PERFORMANCE
Open-loop transimpedance gain
RL = 100Ω
650
330
320
300
k
Ω
Typ
A
Input offset voltage
±10
±45
±50
±55
mV
Max
A
Input offset voltage drift
±110
±155
µV/°C
Max
B
Input offset voltage matching
Channels 1 to 2 and 3 to 4 only
±0.5
±5
±6
±7
mV
Max
A
Noninverting input bias current
±1
±3
±4
±5
µA
Max
A
Noninverting input bias current drift
±25
±30
nA/°C
Max
B
Inverting input bias current
±8
±40
±45
±50
µA
Max
A
Inverting input bias current drift
±115
±135
nA/°C
Max
B
Inverting input bias current matching
±8
±25
±30
±35
µA
Max
A
INPUT CHARACTERISTICS
Common-mode input range
Each amplifier
±3.0
±2.9
±2.8
±2.7
V
Min
A
Common-mode rejection ratio
Each amplifier
62
51
48
47
dB
Min
A
Noninverting input resistance
500 || 2
k
Ω || pF
Typ
C
Inverting input resistance
55
Ω
Typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over
temperature specifications.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com