Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6204IPWPR Datasheet(PDF) 27 Page - Texas Instruments

Part # THS6204IPWPR
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 23Page - Texas Instruments THS6204IPWPR Datasheet HTML 24Page - Texas Instruments THS6204IPWPR Datasheet HTML 25Page - Texas Instruments THS6204IPWPR Datasheet HTML 26Page - Texas Instruments THS6204IPWPR Datasheet HTML 27Page - Texas Instruments THS6204IPWPR Datasheet HTML 28Page - Texas Instruments THS6204IPWPR Datasheet HTML 29Page - Texas Instruments THS6204IPWPR Datasheet HTML 30Page - Texas Instruments THS6204IPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
TOTAL DRIVER POWER FOR xDSL
P
=21mA(24V)+
TOT
5.6
159mA
(24V)
2(115mW)=955mW
-
OUTPUT CURRENT AND VOLTAGE
R
T
+V
CC
I
=
AVG
I
P
CF
P
=
OUT
CF
I
P
´
-
CC
V
2P
L
(13)
P
=I
V
+
TOT
Q
´ CC
CF
I
P
´
-
CC
V
2P
L
(14)
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
APPLICATIONS
(15)
The total internal power dissipation for the THS6204
in an xDSL line driver application will be the sum of
the quiescent power and the output stage power. The
THS6204
holds
a
relatively
constant
quiescent
The THS6204 provides output voltage and current
current
versus
supply
voltage—giving
a
power
capabilities that are unsurpassed in a low-cost dual
contribution that is simply the quiescent current times
monolithic op amp. Under no-load conditions at
the supply voltage used (the supply voltage will be
+25°C, the output voltage typically swings closer than
greater than the solution given in Equation 11). The
1.1V to either supply rail; tested at +25°C swing limit
total output stage power may be computed with
is within 1.4V of either rail into a 100
Ω differential
reference to Figure 86.
load. Into a 25
Ω load (the minimum tested load), it
delivers more than ±408mA continuous and > ±1A
peak output current.
The specifications described above, though familiar in
the industry, consider voltage and current limits
separately. In many applications, it is the voltage
times current (or V-I product) that is more relevant to
circuit operation. Refer to the Output Voltage and
Current Limitations plot (Figure 14) in the Typical
Characteristics. The X- and Y-axes of this graph
show the zero-voltage output current limit and the
zero-current output voltage limit, respectively. The
four quadrants give a more detailed view of the
THS6204 output drive capabilities, noting that the
graph is bounded by a safe operating area of 1W
Figure 86. Output Stage Power Model
maximum internal power dissipation (in this case for 1
channel only). Superimposing resistor load lines onto
the plot shows that the THS6204 can drive ±10.9V
The two output stages used to drive the load of
into 100
Ω or ±10.5V into 50Ω without exceeding the
Figure 83 can be seen as an H-Bridge in Figure 86.
output capabilities or the 1W dissipation limit. A 100
Ω
The average current drawn from the supply into this
load line (the standard test circuit load) shows the full
H-Bridge and load will be the peak current in the load
±12V output swing capability, as shown in the
given by Equation 9 divided by the crest factor (CF)
Electrical
Characteristics
tables.
The
minimum
for the xDSL modulation. This total power from the
specified output voltage and current over temperature
supply is then reduced by the power in RT to leave
are set by worst-case simulations at the cold
the power dissipated internal to the drivers in the four
temperature extreme. Only at cold startup will the
output stage transistors. That power is simply the
output current and voltage decrease to the numbers
target line power used in Equation 4 plus the power
shown in the Electrical Characteristics tables. As the
lost in the matching elements (RM). In the examples
output
transistors
deliver
power,
the
junction
here, a perfect match is targeted giving the same
temperatures
increases,
decreasing
the
VBEs
power in the matching elements as in the load. The
(increasing the available output voltage swing), and
output stage power is then set by Equation 12.
increasing the current gains (increasing the available
output
current).
In
steady-state
operation,
the
available output voltage and current will always be
greater than that shown in the over-temperature
The total amplifier power is then:
specifications,
since
the
output
stage
junction
temperatures will be higher than the minimum
specified operating ambient. To maintain maximum
output
stage
linearity,
no
output
short-circuit
For the ADSL CO driver design of Figure 82, the
protection is provided. This is normally not a problem
peak current is 159mA for a signal that requires a
because most applications include a series-matching
crest factor of 5.6 with a target line power of 20.5dBm
resistor at the output that limits the internal power
into 100
Ω (115mW). With a typical quiescent current
dissipation if the output side of this resistor is shorted
of 21mA and a nominal supply voltage of ±12V, the
to ground. However, shorting the output pin directly to
total internal power dissipation for the solution of
the
adjacent
positive
power-supply
pin
(24-pin
Figure 82 will be:
package), will in most cases, destroy the amplifier. If
additional short-circuit protection is required, a small
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com