Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65708 Datasheet HTML 1Page - Texas Instruments TPS65708 Datasheet HTML 2Page - Texas Instruments TPS65708 Datasheet HTML 3Page - Texas Instruments TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS65708
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
SIZE FOR WCSP
PACKAGE
PACKAGE
TA
PART NO.(1)
OPTIONS
PACKAGE
VERSION
CODE
MARKING
VDCDC1 = 3.3V
VDCDC2 = 1.8V
VLDO1 = 2.8V
D = 2076
µm ±25 µm
–40°C to 85°C
TPS65708
VLDO2 = 1.2V
YZH
WCSP
TPS65708
E = 2076
µm ±25 µm
ISINK(PWM=1) = 7.5mA
SEQUENCING : DCDC1,
LDO1, DCDC2, LDO2
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on ti.com, (http://www.ti.com)
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
VALUE
UNIT
MIN
MAX
all pins except A/PGND pins with respect to
–0.3
7
V
AGND
Voltage range
pin VLDO1 and VLDO2 with respect to AGND
–0.3
3.6
V
L1, L2, VLDO1, VLDO2, PGND
700mA
mA
Current
AGND, ISINK
50mA
mA
all other pins
3mA
mA
Operating free-air temperature, TA
–40
85
°C
Maximum junction temperature, TJ
125
°C
Storage temperature, TST
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS65708
THERMAL METRIC(1)
UNITS
YZH (16 Pins)
θJA
Junction-to-ambient thermal resistance
75
θJCtop
Junction-to-case (top) thermal resistance
22
θJB
Junction-to-board thermal resistance
26
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
24
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com