Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65708 Datasheet HTML 1Page - Texas Instruments TPS65708 Datasheet HTML 2Page - Texas Instruments TPS65708 Datasheet HTML 3Page - Texas Instruments TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2.2 F
m
VLDO1
LDO1
200mA
FB2
1.5 H
m
L2
DCDC2
400mA
TPS65708
Vout2
Vout3
FB1
1.5 H
m
L1
DCDC1
400mA
10 F
m
Vout1
VIN1
VIN2
PGND1
PGND2
VCC
MODE
VLDO2
LDO2
200mA
Vout4
V(USB)
PWM
ISINK
VINLDO1
VINLDO2
10 F
m
2.2 F
m
TPS65708
www.ti.com
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
PMU for Embedded Camera Module
Check for Samples: TPS65708
1
FEATURES
DESCRIPTION
•
Two 400mA Step-Down Converters
•
Up to 95% Efficiency
TPS65708 is a power management unit targeted for
embedded
camera
modules
or
other
portable
•
VIN Range for DCDC Converters From
low-power consumer end equipment. It contains two
3.6V to 6V
high-efficiency step-down converters, two low-dropout
•
2.25MHz Fixed Frequency Operation
linear regulators, and a 7.5mA current sink for driving
•
Power Save Mode at Light Load Current
a LED. The 2.25MHz step-down converter enters a
low-power mode at light load for maximum efficiency
•
Output Voltage Accuracy in PWM mode
±1.5%
across the widest possible range of load currents. For
•
100% Duty Cycle for Lowest Dropout
low-noise applications, the devices can be forced into
•
180
° Out of Phase Operation
fixed frequency PWM mode using the MODE pin. The
device allows the use of small inductors and
•
2 General Purpose 200mA LDOs
capacitors
to
achieve
a
small
solution
size.
•
LDOs Optionally Powered From Step-Down
TPS65708 provides an output current of up to 400mA
Converters
on both DCDC converters and up to 200mA on each
•
7.5mA PWM Dimmable Current Sink
of the LDOs. The enable signal to the dcdc
converters and LDOs is generated internally by the
•
Available in a 16-Ball WCSP with 0.5mm Pitch
undervoltage lockout circuit.
APPLICATIONS
The TPS65708 comes in a small 16-ball wafer
chip-scale package (WCSP) with 0.5mm ball pitch.
•
Monitors
•
Laptops
•
Handheld Equipment
APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65708YZHR TI1-TPS65708YZHR Datasheet
2Mb / 26P
PMU for Embedded Camera Module
TPS65708YZHT TI1-TPS65708YZHT Datasheet
2Mb / 26P
PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
PMU for Embedded Camera Module
More results

Similar Description - TPS65708

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
SPECIFICATION FOR CCD CAMERA MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
Camera module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
Connector for CMOS Camera Module
logo
Texas Instruments
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
PMU for Embedded Camera Module
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
Power Supply for CCD Camera Module
logo
Texas Instruments
TPS657052 TI-TPS657052_1 Datasheet
2Mb / 24P
PMU for Embedded Camera Module
logo
Rohm
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
Power Supply for CCD Camera Module
logo
Texas Instruments
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
PMU for Embedded Camera Module
TPS657051 TI1-TPS657051_15 Datasheet
3Mb / 26P
PMU for Embedded Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com