Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65708 Datasheet HTML 1Page - Texas Instruments TPS65708 Datasheet HTML 2Page - Texas Instruments TPS65708 Datasheet HTML 3Page - Texas Instruments TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS65708
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted: VIN1 = VIN2 = VCC = 5V, L = 1.5
µH, COUTDCDCx = 10µF, COUTLDOx = 2.2µF, TA = –40°C to 85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fSW
Oscillator frequency
2.03
2.25
2.48
MHz
OUTPUT
VOUT1
DCDC1 default output voltage
VIN1
≥ 3.6V
3.3
V
VOUT2
DCDC2 default output voltage
VIN2
≥ 3.6V
1.8
V
dcdc converter input voltage below
IFB
FB pin input current
0.1
µA
undervoltage lockout threshold
FB pin input resistance due to internal
dcdc converter input voltage above
RFB
990
k
Ω
voltage divider
undervoltage lockout threshold; VOUT = 3.3V
FB pin input resistance due to internal
dcdc converter input voltage above
RFB
585
k
Ω
voltage divider
undervoltage lockout threshold; VOUT = 1.8V
VIN1 and VIN2 = 3.6V to 6V, +1% voltage
DC output voltage accuracy(1)
positioning active; PFM operation,
1.25%
3%
0 mA
< IOUT < IOUTmax
VOUT
VIN1 / VIN2 = 3.3V to 6V, PWM operation,
DC output voltage accuracy
–1.5%
1.5%
0 mA
< IOUT < IOUTmax
DC output voltage load regulation
PWM operation
0.5
%/A
Time from UVLO is exceeded (Vin
> 3.6V) to
tStart
Start-up time
200
µs
Start switching
tRamp
VOUT ramp time
Time to ramp from 5% to 95% of VOUT
250
µs
RDIS
Internal discharge resistor at L1 and L2
DCDCx disabled; 1V
< VIN1/2 < 3.6V
300
400
550
Ω
THERMAL PROTECTION SEPARATELY FOR DCDC1, DCDC2 and LDO1
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
30
°C
VLDO1, VLDO2 LOW DROPOUT REGULATOR
VINLDO
Input voltage range for LDO1 and LDO2
1.7
6
V
VLDO1
LDO1 Default Output Voltage (1)
2.8
V
VLDO2
LDO2 Default Output Voltage
1.2
V
IO
Output current for LDO1 and LDO2
200
mA
ISC
LDO1 and LDO2 short circuit current limit
VLDOx = GND
260
360
550
mA
Dropout voltage at LDOx
IO = 200mA; VINLDOx = 3.3V
200
mV
Dropout voltage at LDOx
IO = 200mA; VINLDOx = 1.8V
300
mV
Output voltage accuracy for LDO1 and
IO = 200mA
–2%
2%
LDO2
VINLDO = VLDO + 0.5V (min 1.7V) to 6V,
Line regulation for LDO1 and LDO2
–1%
1%
IO = 50mA
Load regulation for LDO1 and LDO2
IO = mA to 200mA
–1.5
1
%
f = 10kHz, COUT ≥ 2.2μF VINLDOx = 5V, VOUT
PSRR
Power-Supply Rejection Ratio
50
dB
= 2.8V, IOUT = 100mA
µV
Vn
Output noise voltage
VOUT = 2.8V, BW = 10Hz to 100kHz
160
RMS
Internal soft-start when LDO is enabled;
tRamp
VOUT ramp time
250
µs
Time to ramp from 5% to 95% of VOUT
Internal discharge resistor at VLDO1 and
RDIS
VIN < UVLO
200
400
550
Ω
VLDO2
(1)
VINLDO
> 2.8V
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com