Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments TPS65708 Datasheet HTML 10Page - Texas Instruments TPS65708 Datasheet HTML 11Page - Texas Instruments TPS65708 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1k
I -OutputCurrent-mA
O
3.6V
4.2V
5V
0.1
1
10
100
1k
I -OutputCurrent-mA
O
0
10
20
30
40
50
60
70
80
90
100
4.2V
5V
3.6V
TPS65708
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
η
Efficiency DCDC (VO = 3.3V)
vs Load current / PFM mode;
Figure 1
η
Efficiency DCDC (VO = 3.3V)
vs Load current / PWM mode
Figure 2
η
Efficiency DCDC (VO = 1.2V)
vs Load current / PFM mode
Figure 3
η
Efficiency DCDC (VO = 1.2V)
vs Load current / PWM mode
Figure 4
Line transient response DCDC (PWM)
Scope plot for a 3.6V to 5V to 3.6V input voltage
Figure 5
change
Line transient response DCDC (PFM)
Scope plot for a 3.6V to 5V to 3.6V input voltage
Figure 6
change
Line transient response LDO
Scope plot for a 3.6V to 5V to 3.6V input voltage
Figure 7
change
Load transient response DCDC (PFM)
Scope plot for a 10% to 90% load step (40mA to
Figure 8
360mA)
Load transient response DCDC (PWM)
Scope plot for a 10% to 90% load step (40mA to
Figure 9
360mA)
Load transient response LDO
Scope plot for a 10% to 90% load step (20mA to
Figure 10
180mA)
Startup timing DCDC1, DCDC2, LDO1 and LDO2
Scope plot of startup; R1 = supply voltage is
Figure 11
applied
LDO POWER SUPPLY REJECTION RATIO (PSRR)
Scope plot
Figure 12
Figure 1. EFFICIENCY DCDC (VO = 3.3 V) vs LOAD
Figure 2. EFFICIENCY DCDC (VO = 3.3 V) vs LOAD
CURRENT / PFM MODE; for VIN = 3.6 V to 5 V
CURRENT / PWM MODE; for VIN = 3.6 V to 5 V
8
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com