Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments TPS65708 Datasheet HTML 10Page - Texas Instruments TPS65708 Datasheet HTML 11Page - Texas Instruments TPS65708 Datasheet HTML 12Page - Texas Instruments TPS65708 Datasheet HTML 13Page - Texas Instruments TPS65708 Datasheet HTML 14Page - Texas Instruments TPS65708 Datasheet HTML 15Page - Texas Instruments TPS65708 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
95%
5%
t RAMP
t Start
EN
VOUT
TPS65708
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
www.ti.com
SOFT START
The step-down converter in TPS65708 has an internal soft start circuit that controls the ramp up of the output
voltage. The output voltage ramps up from 5% to 95% of its nominal value within typical 250
µs. This limits the
inrush current in the converter during ramp up and prevents possible input voltage drops when a battery or high
impedance power source is used.
Figure 13. Soft Start
100% DUTY CYCLE LOW DROPOUT OPERATION
The device starts to enter 100% duty cycle mode once the input voltage comes close to the nominal output
voltage. In order to maintain the output voltage, the High Side MOSFET switch is turned on 100% for one or
more cycles. With further decreasing VIN the High Side MOSFET switch is turned on completely. In this case,
the converter offers a low input-to-output voltage difference. This is particularly useful in battery-powered
applications to achieve longest operation time by taking full advantage of the whole battery voltage range. The
minimum input voltage to maintain regulation depends on the load current and output voltage, and can be
calculated as:
VINmin = VOmax + IOmax (RDS(on)max + RL)
With
IOmax = maximum output current plus inductor ripple current
RDS(on)max = maximum high side switch RDS(on).
RL = DC resistance of the inductor
VOmax = nominal output voltage plus maximum output voltage tolerance
12
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com