Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65708 Datasheet HTML 3Page - Texas Instruments TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments TPS65708 Datasheet HTML 10Page - Texas Instruments TPS65708 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
VLDO1
LDO1
200mA
FB2
L2
DCDC2
400mA
TPS65708
Vout2=1.8V
Vout3=2.8V
FB1
1.5 H
m
L1
DCDC1
400mA
Vout1=3.3V
VIN1
VIN2
PGND1
PGND2
VCC
MODE
VLDO2
LDO2
200mA
Vout4=1.2V
5Vor3.3V
dependingonLED
PWM
ISINK
VINLDO1
VINLDO2
2.2 F
m
10 F
m
5V
dimingsignal
fromuP
7.5mA
10 F
m
2.2 F
m
2.2 F
m
2.2 F
m
10 F
m
10 F
m
1.5 H
m
TPS65708
www.ti.com
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
FUNCTIONAL BLOCK DIAGRAM
PARAMETER MEASUREMENT INFORMATION
SETUP
The graphs below were taken using the TPS65708EVM with the passive components as listed:
L(Vout1) = L(Vout2) = BRC1608T1R5M (1.5
μH)
C(Vout1) = C(Vout2) = GRM188R60J106 (10
μF / 6.3V)
C(LDO1) = C(LDO2) = GRM185R60J225 (2.2
μF / 6.3V)
C(VIN1) = C(VIN2) = GRM188R60J106 (10
μF / 6.3V)
C(VINLDO1) = C(VINLDO2) = GRM185R60J225 (2.2
μF / 6.3V)
VCC = VIN1= VIN2 = VINLDO1 = VINLDO2 unless otherwise noted
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com