Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65708 Datasheet HTML 1Page - Texas Instruments TPS65708 Datasheet HTML 2Page - Texas Instruments TPS65708 Datasheet HTML 3Page - Texas Instruments TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS65708
www.ti.com
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted: VIN1 = VIN2 = VCC = 5V, L = 1.5
µH, COUTDCDCx = 10µF, COUTLDOx = 2.2µF, TA = –40°C to 85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED CURRENT SINK
Set internally by EEPROM to 7.5mA; available
Isink Current (LED current for 100% duty
ILED
current range from 7.5mA to 30mA; contact
7.5
mA
cycle)
factory about default settings other than 7.5mA
Minimum voltage drop from ISINK to
at 7.5mA
≤ ISINK ≤ 20mA
0.4
V
AGND needed for proper regulation
Minimum voltage drop from ISINK to
at 20mA
< ISINK ≤ 30mA
0.55
V
AGND needed for proper regulation
ISINK accuracy
ISINK
≥ 10mA
–5%
5%
ISINK accuracy
7.5mA
≤ ISINK < 10mA
–10%
10%
PWM duty cycle
5%
100%
PWM frequency
50
kHz
VIH
High Level Input Voltage for PWM pin
ISINK is enabled
1.2
VCC
V
VIL
Low Level Input Voltage for PWM pin
ISINK is high resistive
0
0.4
V
Ilkg
Input Leakage Current on PWM pin
0.01
0.1
μA
V(ISINK) ≥ 0.4V for 7.5 mA ≤ ISINK ≤ 20mA; or
ISINK rise / fall time
500
ns
V(ISINK) > 0.6V for 20mA < ISINK ≤ 30mA
ISINK rise / fall time
V(ISINK) ≤ 0.6V; 20mA < ISINK ≤ 30 mA
700
ns
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com