Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments TPS65708 Datasheet HTML 10Page - Texas Instruments TPS65708 Datasheet HTML 11Page - Texas Instruments TPS65708 Datasheet HTML 12Page - Texas Instruments TPS65708 Datasheet HTML 13Page - Texas Instruments TPS65708 Datasheet HTML 14Page - Texas Instruments TPS65708 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS65708
www.ti.com
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
DETAILED DESCRIPTION
DCDC CONVERTERS
The TPS65708 step down converters operate with typically 2.25MHz fixed frequency pulse width modulation
(PWM) at moderate to heavy load currents. With MODE pin set to low, at light load currents the converter can
automatically enter Power Save Mode and operates then in PFM mode.
During PWM operation the converter uses a unique fast response voltage mode control scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the High Side MOSFET switch is
turned on. The current flows now from the input capacitor via the High Side MOSFET switch through the inductor
to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips and the
control logic will turn off the switch. The current limit comparator will also turn off the switch in case the current
limit of the High Side MOSFET switch is exceeded. After an off time preventing shoot through current, the Low
Side MOSFET rectifier is turned on and the inductor current will ramp down. The current flows now from the
inductor to the output capacitor and to the load. It returns back to the inductor through the Low Side MOSFET
rectifier.
The next cycle is initiated by the clock signal again turning off the Low Side MOSFET rectifier and turning on the
on the High Side MOSFET switch. A 180
° phase shift between DCDC1 and DCDC2 decreases the input RMS
current and synchronizes the operation of the two dcdc converts. The FB pin must directly be connected to the
output voltage of the DCDC converter and no external resistor network must be connected. As the Feedback
input serves as the power input to the LOD, the external connection should be as short and as thick as possible
to keep the voltage drop as small as possible.
POWER SAVE MODE
The Power Save Mode is enabled with Mode Pin set to low. If the load current decreases, the converter will enter
Power Save Mode operation automatically. During Power Save Mode the converter skips switching and operates
with reduced frequency in PFM mode with a minimum quiescent current to maintain high efficiency. The
converter positions the output voltage typically +1% above the nominal output voltage. This voltage positioning
feature minimizes voltage drops caused by a sudden load step. The transition from PWM mode to PFM mode
occurs once the inductor current in the Low Side MOSFET switch becomes zero, which indicates discontinuous
conduction mode. During the Power Save Mode the output voltage is monitored with a PFM comparator. As the
output voltage falls below the PFM comparator threshold of VOUT nominal +1%, the device starts a PFM current
pulse. The High Side MOSFET switch will turn on, and the inductor current ramps up. After the On-time expires,
the switch is turned off and the Low Side MOSFET switch is turned on until the inductor current becomes zero.
The converter effectively delivers a current to the output capacitor and the load. If the load is below the delivered
current, the output voltage will rise. If the output voltage is equal or higher than the PFM comparator threshold,
the device stops switching and enters a sleep mode with typical 25
µA current consumption.
If the output voltage is still below the PFM comparator threshold, a sequence of further PFM current pulses are
generated until the PFM comparator threshold is reached. The converter starts switching again once the output
voltage drops below the PFM comparator threshold. With a fast single threshold comparator, the output voltage
ripple during PFM mode operation can be kept small. The PFM Pulse is time controlled, which allows to modify
the charge transferred to the output capacitor by the value of the inductor. The resulting PFM output voltage
ripple and PFM frequency depend in first order on the size of the output capacitor and the inductor value.
Increasing output capacitor values and inductor values will minimize the output ripple. The PFM frequency
decreases with smaller inductor values and increases with larger values. The PFM mode is left and PWM mode
is entered in case the output current can not longer be supported in PFM mode. The Power Save Mode can be
disabled by setting Mode pin to high. The converter will then operate in fixed frequency PWM mode.
DYNAMIC VOLTAGE POSITIONING
This feature reduces the voltage under/overshoots at load steps from light to heavy load and heavy to light. It is
active in Power Save Mode and regulates the output voltage 1% higher than the nominal value. This provides
more headroom for both the voltage drop at a load step, and the voltage increase at a load throw-off.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com