Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65708 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65708 Datasheet HTML 1Page - Texas Instruments TPS65708 Datasheet HTML 2Page - Texas Instruments TPS65708 Datasheet HTML 3Page - Texas Instruments TPS65708 Datasheet HTML 4Page - Texas Instruments TPS65708 Datasheet HTML 5Page - Texas Instruments TPS65708 Datasheet HTML 6Page - Texas Instruments TPS65708 Datasheet HTML 7Page - Texas Instruments TPS65708 Datasheet HTML 8Page - Texas Instruments TPS65708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS65708
www.ti.com
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VIN1/2
Input voltage range for step-down converter DCDC1and DCDC2
3.6
6
V
VOUTDCDC1/2
Output voltage range for DCDC1 and DCDC2 step-down converter
0.8
3.3
V
IOUTDCDC1
DC output current at L1 or L2
400
mA
L
Inductor at L1 or L2(1)
1
1.5
2.2
µH
VINLDO1
Input voltage range for LDO1
1.7
6
V
VLDO
Output voltage range for LDO1 and LDO2
0.8
3.3
V
VINLDO2
Input voltage range for LDO2
1.7
6
V
ILDO
Output current at LDO1 or LDO2
200
mA
CINDCDC1/2
Input capacitor at VIN1 and VIN2
4.7
µF
COUTDCDC1/2
Output capacitor at VOUT1, VOUT2
4.7
10
22
µF
COUTLDO1/2
Output capacitor at VLDO1, VLDO2
2.2
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
To support a typical inductor value of 1.5
µH, the minimum inductance can go as low as 1.0µH. It is not recommended to use a 1µH
labeled inductor as the inductance will drop significantly below 1
µH in operation due to initial tolerances and saturation.
ELECTRICAL CHARACTERISTICS
Unless otherwise noted: VIN1 = VIN2 = VCC = 5V, L = 1.5
µH, COUTDCDCx = 10µF, COUTLDOx = 2.2µF, TA = –40°C to 85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
DCDC1, DCDC2, LDO1 and LDO2 enabled,
IOUT = 0 mA, MODE = 0; (PFM mode)
140
200
μA
ISINK in standby for PWM = 0
DCDC1, DCDC2, LDO1 and LDO2 enabled,
IOUT = 0 mA, MODE = 1 ; (PWM mode)
Operating quiescent current DCDCx and
4
mA
IQ
ISINK in standby if PWM = 0;
LDOx
Not including inductor losses
DCDC1, DCDC2, LDO1 and LDO2 enabled,
IOUT = 0 mA, MODE = 0; (PFM mode) ;
170
μA
ISINK in standby PWM = 0;
During power-up sequencing
DCDCx, LDOx and ISINK disabled;
ISD
Shutdown Current
6
15
μA
VCC
< 1.8V
DIGITAL PINS ( MODE)
VIH
High Level Input Voltage for MODE
1.2
VCC
V
VIL
Low Level Input Voltage for MODE
0
0.4
V
Ilkg
Input Leakage Current
MODE tied to GND or VIN1 / VIN2
0.01
0.1
μA
UNDERVOLTAGE LOCKOUT (UVLO), SENSED AT PIN VCC
Internal undervoltage lockout threshold
VCC, VIN1, VIN2 rising
3.5
3.6
3.7
V
UVLO
Internal undervoltage lockout threshold
VCC, VIN1, VIN2 falling
130
mV
hysteresis
STEP-DOWN CONVERTERS
VIN1
Input voltage for DCDC1
3.5
6
V
VIN2
Input voltage for DCDC2
3.5
6
V
POWER SWITCH
High side MOSFET on-resistance
VIN1 / VIN2 = 3.6V
250
400
m
Ω
RDS(on)
Low side MOSFET on-resistance
VIN1 / VIN2 = 3.6V
150
300
m
Ω
ILIMF
Forward current limit
3.6V
≤ VIN1 / VIN2 ≤ 6V
650
820
1050
mA
IO
DC output current
VIN1 / VIN2
> 3.5V , L = 1.5µH
400
mA
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com